전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SMM02040E3JB3

  • AI
    The **SMM02040E3JB3** is a high-precision, automotive-grade MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. It is widely recognized for its stability, reliability, and superior pulse load capability compared to standard thick-film resistors. --- ### 1. Technical Specifications The following table outlines the primary electronic characteristics of this specific component: | Parameter | Value / Specification | | :--- | :--- | | **Series** | SMM0204 (Mini-MELF) | | **Resistance Value** | Determined by the part code (standard series) | | **Tolerance** | ± 5% (indicated by 'J' in the suffix) | | **Power Rating** | 0.25 W (at 70°C) | | **Voltage Rating** | 200 V (Maximum operating voltage) | | **Temp. Coefficient (TCR)** | ± 50 ppm/K (Standard for this series) | | **Operating Temperature** | -55°C to +155°C | | **Case Size** | DIN: 0204 (Length: 3.6mm, Diameter: 1.4mm) | --- ### 2. Physical Structure and Technology Unlike standard SMD resistors that are flat (thick film), the SMM0204 series uses **Thin Film technology** on a cylindrical ceramic body. * **MELF Design:** The cylindrical shape provides a larger surface area for heat dissipation and a more robust mechanical connection to the PCB. * **Terminations:** Pure tin (Sn) plating over a nickel (Ni) barrier, ensuring excellent solderability and resistance to "tin whiskers." * **Protection:** A specialized lacquer coating provides mechanical, electrical, and environmental protection. --- ### 3. Key Features & Applications The **SMM02040E3JB3** is engineered for environments where failure is not an option. #### Key Advantages: * **AEC-Q200 Qualified:** Certified for automotive use, meaning it can withstand high vibration and thermal cycling. * **Pulse Stability:** Excellent handling of transient surges compared to 0805 or 1206 flat-chip resistors. * **Intrinsic Sulfur Resistance:** Highly resistant to corrosive environments. #### Typical Applications: 1. **Automotive Electronics:** Engine control units (ECU), ABS systems, and lighting. 2. **Industrial Inverters:** Precision current sensing and voltage dividers. 3. **Telecommunications:** High-stability base station equipment. 4. **Medical Equipment:** Monitoring devices requiring low noise and high stability. --- ### 4. Part Number Breakdown * **SMM0204:** Series and size (Mini-MELF). * **0E:** Standard TCR/Stability characteristic. * **3:** Resistance multiplier. * **J:** Tolerance code (± 5%). * **B3:** Packaging code (typically Bulk or Tape/Reel specifications). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between MELF resistors and standard flat-chip resistors?
    • ⤷ How does the pulse load capability of the SMM0204 compare to thick-film alternatives?
    • ⤷ What is the recommended soldering profile for MELF 0204 components?