전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SMS-1-R

  • AI
    The **SMS-1-R** is a high-performance, surface-mount **Tactile Switch** manufactured by **ITW Lumex Switch** (and formerly associated with the ITW Pancon and Multimec lines). It is widely used in electronic interfaces due to its reliability and distinct tactile feedback. --- ### 1. Key Technical Specifications The SMS-1-R belongs to a category of momentary switches. Below are the primary electronic and mechanical characteristics: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile / Momentary | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Arrangement** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Contact Rating** | 50mA @ 24VDC | | **Actuation Force** | 1.6N ± 0.5N (Standard) | | **Operating Life** | ~1,000,000 Cycles | | **Contact Resistance** | < 100 mΩ | --- ### 2. Internal Construction & Materials The "R" in the part number often denotes the specific packaging or a revision, but the core construction of the SMS-1 series consists of: * **Contacts:** Typically gold or silver plated to ensure low contact resistance and prevent oxidation over a million cycles. * **Dome:** A stainless steel or copper alloy tactile dome that provides the "click" feel and completes the circuit when depressed. * **Housing:** High-temperature thermoplastic (PPS or LCP) designed to withstand **IR Reflow soldering** temperatures (up to 260°C). * **Actuator:** A flush or slightly raised button designed to be pressed either directly or via a plastic keycap. --- ### 3. Usage and Circuit Implementation In a typical electronic circuit, the SMS-1-R is used as an input trigger for a Microcontroller (MCU). Because it is a mechanical switch, **de-bouncing** (either via software or a capacitor) is required. #### Example Schematic Logic ```cpp // Logic Representation [VCC] --- [Pull-up Resistor] --- [Input Pin] | [SMS-1-R Switch] | [GND] ``` * **State:** When the switch is open, the pin reads `HIGH`. When pressed, the dome shorts the pin to ground, and the pin reads `LOW`. --- ### 4. Common Applications * **Industrial Controls:** Heavy-duty panels requiring long-life components. * **Consumer Electronics:** Reset buttons or mode-selection toggles. * **Medical Devices:** Reliable user interface buttons for handheld equipment. * **Automotive:** Dash controls and steering wheel interfaces. ---
    ✨ Follow-up Questions
    • ⤷What is the footprint size (dimensions) of the SMS-1-R for PCB layout?
    • ⤷ Is the SMS-1-R compatible with standard pick-and-place assembly machines?
    • ⤷ How does the SMS-1-R compare to the SMS-3 series in terms of force?