SMS-1308MS-R
AI

## Detailed Overview: SMS-1308MS-R
The **SMS-1308MS-R** is a high-performance, surface-mount (SMT) miniature speaker manufactured by **PUI Audio**. It is primarily designed for compact electronic devices where space is limited but clear audio output is required.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Rated Power** | 0.7 Watts |
| **Maximum Power** | 1.0 Watts |
| **Impedance** | 8 Ohms ± 15% |
| **Sound Pressure Level (SPL)** | 89 dB ± 3dB @ 0.7W / 0.1M |
| **Resonant Frequency (Fo)** | 850 Hz ± 20% |
| **Frequency Range** | 850 Hz ~ 20,000 Hz |
| **Dimensions** | 13mm x 8mm x 2.5mm |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Key Features and Materials
The SMS-1308MS-R is engineered for durability and automated manufacturing:
* **Construction:**
* **Diaphragm:** Typically made of Mylar (PET) for moisture resistance and crisp sound.
* **Magnet:** Uses Neodymium (NdFeB), which provides a strong magnetic field in a small footprint.
* **Reflow Solderable:** Designed to withstand the high temperatures of infrared reflow ovens, making it ideal for mass production.
* **Side-Firing Design:** The sound exits from the side (lateral), allowing for thinner device profiles.
* **RoHS Compliant:** Free from lead and other hazardous substances.
---
### 3. Application Use Cases
Due to its small form factor and SMT design, it is commonly found in:
1. **Handheld Medical Devices:** For audible alerts and heart rate monitoring beeps.
2. **IoT Devices:** Smart home sensors that require voice feedback or alarm tones.
3. **Wearables:** Fitness trackers or smartwatches with limited internal volume.
4. **Security Hardware:** Keypads and card readers for entry confirmation tones.
---
### 4. Integration Considerations
When designing a PCB for this part, keep the following in mind:
* **Acoustic Chamber:** To maximize the 89dB SPL, a properly sized back-cavity (enclosure) is recommended to prevent front-to-back wave cancellation.
* **Polarity:** Ensure the positive (+) and negative (-) terminals are correctly oriented as per the datasheet to maintain phase alignment in multi-speaker setups.
* **Drive Circuit:** It can be driven directly by a small Class-D audio amplifier or even a microcontroller PWM pin (with a decoupling capacitor and current-limiting resistor), though a dedicated amp is preferred for sound quality.
- ⤷
What is the recommended reflow soldering profile for this speaker?
- ⤷ Does this speaker require a specific back-volume (cc) for optimal bass response?
- ⤷ Are there waterproof versions (IP rated) of the SMS-1308 series?