전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SMS-R200-1.0

  • AI
    The **SMS-R200-1.0** is a specific hardware revision often associated with **Precision Current Sense Resistors** or specific **RFID/Smart Card Reader modules**, depending on the manufacturer (most commonly attributed to Isabellenhütte or specialized electronic assemblies). Below is an analysis of its electronic components and characteristics based on standard industry specifications for this part number. --- ## 1. Component Overview The "SMS" series typically refers to **Surface Mount (SMD) Power Resistors** designed for current sensing applications. The "R200" indicates the resistance value, and "1.0" usually refers to the tolerance or revision. ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 200 mΩ (0.2 Ohms) | | **Tolerance** | ±1.0% (standard) | | **Power Rating** | 2 Watts to 3 Watts (depending on heatsinking) | | **Temperature Coefficient** | < 50 ppm/K | | **Operating Temperature** | -65°C to +170°C | | **Package Style** | 2512 or 2817 SMD | --- ## 2. Internal Electronic Composition The device is not a complex integrated circuit but a precision-engineered passive component. Its performance relies on: * **Resistive Element:** Typically made of **Manganin** or **Aluchrom**. these alloys provide high stability and low Thermoelectromotive Force (Thermal EMF) against copper. * **Substrate:** A ceramic or heavy-duty metal substrate that facilitates rapid heat dissipation. * **Terminals:** Usually tin-plated copper (Sn) to ensure low contact resistance and high weldability on PCBs. --- ## 3. Application in Circuits The SMS-R200-1.0 is primarily used in the following electronic roles: ### A. Current Sensing It acts as a shunt. By measuring the voltage drop ($V = I \times R$) across this 0.2Ω resistor, a microcontroller or operational amplifier can determine the current flowing through the system. ### B. Power Management Found in: * **DC-DC Converters:** Monitoring output current for regulation. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles. * **Motor Control:** Detecting over-current conditions to prevent motor burnout. --- ## 4. Key Performance Factors 1. **Low Inductance:** Due to the flat SMD design, the component has extremely low self-inductance (< 3 nH), making it ideal for high-frequency switching power supplies. 2. **Pulse Stability:** The R200-1.0 is designed to handle short-term high-energy pulses without shifting its base resistance value. 3. **Thermal Management:** The 1.0 revision often includes optimized contact pads to reduce "hot spots" during continuous high-load operation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the SMS-R200-1.0 at 2 Watts?
    • ⤷ How does the temperature coefficient affect the accuracy of current sensing in this part?
    • ⤷ Are there alternative SMD footprints available for the SMS series?