전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SN74CBT16811CDGG

  • AI
    ## SN74CBT16811CDGG: Technical Overview The **SN74CBT16811CDGG** is a high-speed TTL-compatible FET bus switch produced by Texas Instruments. It is designed to facilitate high-speed signal switching and bus isolation in digital systems without adding significant propagation delay or generating ground bounce noise. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Logic Type** | FET Bus Switch | | **Configuration** | 24-Bit 1-of-1 (Dual 12-bit) | | **Operating Voltage (Vcc)** | 4.0V to 5.5V | | **Propagation Delay** | ≤ 0.25 ns (Max) | | **On-State Resistance ($R_{on}$)** | ~5 $\Omega$ (Typical) | | **Operating Temperature** | -40°C to 85°C | | **Package Type** | TSSOP-56 (Thin Shrink Small Outline Package) | --- ### 2. Functional Description The device consists of 24 independent high-speed NMOS FET switches. It is organized as two separate 12-bit switches with individual Output Enable ($\overline{OE}$) controls. - **Switching Mechanism:** When the $\overline{OE}$ input is **LOW**, the switch is ON (closed), connecting the Port A pins to Port B pins. - **Isolation:** When the $\overline{OE}$ input is **HIGH**, the switch is OFF (open), creating a high-impedance state between Port A and Port B. - **Low Propagation Delay:** Because it uses a FET switch rather than a buffer/driver, the connection is essentially a low-resistance path, resulting in near-zero delay. --- ### 3. Pin Configuration (Summary) The TSSOP-56 package houses the following pins: | Pin Name(s) | Function | | :--- | :--- | | **1A1 – 1A12** | Port A inputs/outputs (Bank 1) | | **1B1 – 1B12** | Port B inputs/outputs (Bank 1) | | **2A1 – 2A12** | Port A inputs/outputs (Bank 2) | | **2B1 – 2B12** | Port B inputs/outputs (Bank 2) | | **1$\overline{OE}$, 2$\overline{OE}$** | Output Enable (Active Low) | | **Vcc, GND** | Power Supply and Ground | --- ### 4. Applications The SN74CBT16811CDGG is commonly used in high-performance computing and communication hardware for: * **Bus Swapping/Multiplexing:** Routing data between different CPU or memory buses. * **Hot-Plug Protection:** Isolating sensitive components during live insertion. * **Voltage Level Shifting:** When $V_{cc}$ is set to 5V, it can provide 5V-to-3.3V level shifting via an external diode or internal clamping characteristics. * **Memory Interleaving:** Managing high-speed signals between SDRAM banks. --- ### 5. Sample Usage (Connection Logic) To enable the first 12 bits of the bus switch, the control logic would look like this: ```c // Pseudo-logic for MCU control if (data_transfer_needed) { digitalWrite(1_OE_PIN, LOW); // Connect A1-A12 to B1-B12 } else { digitalWrite(1_OE_PIN, HIGH); // Isolate the buses (High-Z) } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'CBT' and 'CBTLV' series of bus switches?
    • ⤷ How does the ON-resistance affect signal integrity in high-speed designs?
    • ⤷ Can this IC be used for bidirectional data transmission?