전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SN74CBT16811CDGVR

  • AI
    ## Technical Overview: SN74CBT16811CDGVR The **SN74CBT16811CDGVR** is a high-speed TTL-compatible FET bus switch produced by Texas Instruments. It is designed to facilitate high-speed signal switching with minimal propagation delay. --- ### 1. Key Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Function** | 24-Bit FET Bus Switch | | **Logic Family** | CBT (Crossbar Technology) | | **Voltage Range** | 4.0V to 5.5V | | **Propagation Delay** | 0.25 ns (Max) | | **Output Current** | 128 mA | | **Operating Temp** | -40°C to 85°C | | **Package Type** | TVSOP-56 (DGV) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Internal Architecture & Logic The device consists of 24 independent channels organized as a dual 12-bit configuration or a single 24-bit bus. It uses N-channel FETs to connect the ports. * **Low ON-Resistance:** When the switch is ON, the resistance is typically very low (~5Ω), allowing for near-zero propagation delay. * **High Impedance State:** When the output-enable (OE) input is high, the switch is in the high-impedance (OFF) state, effectively isolating the buses. * **Control Inputs:** * `1OE`: Controls the first 12 bits. * `2OE`: Controls the second 12 bits. --- ### 3. Pinout Configuration The **TVSOP-56** package is high-density. A simplified breakdown of the functional pins is provided below: | Pin Type | Description | | :--- | :--- | | **A1 - A24** | Port A I/O pins (Bus side 1) | | **B1 - B24** | Port B I/O pins (Bus side 2) | | **1OE, 2OE** | Output Enable (Active Low) | | **VCC** | Power Supply (5V Nominal) | | **GND** | Ground | --- ### 4. Typical Applications Due to its high speed and low distortion, this part is commonly used in: 1. **Memory Interleaving:** Switching between multiple banks of SDRAM. 2. **Bus Isolation:** Protecting sensitive components by disconnecting them from a noisy bus. 3. **Voltage Level Translation:** When used with a diode, it can facilitate 5V to 3.3V level shifting. 4. **Hot-Plugging:** Allowing peripherals to be connected to a live bus without crashing the system. --- ### 5. Part Number Breakdown (Texas Instruments) `SN74` `CBT` `16` `811` `C` `DGV` `R` * **SN74:** Standard Prefix (Commercial Temp Range). * **CBT:** Crossbar Technology (High speed, low power). * **16:** 16-bit to 24-bit width category. * **811:** Specific circuit design (24-bit FET switch). * **C:** Revision/Feature enhancement. * **DGV:** TVSOP package code. * **R:** Tape and Reel (Packaging format).
    ✨ Follow-up Questions
    • ⤷What is the difference between CBT and CBTLV logic families?
    • ⤷ How does the 'C' suffix in the part number affect performance compared to the standard version?
    • ⤷ Can this switch be used for bidirectional data flow?