전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SN74CBT16811CDLRG4

  • AI
    ## Overview of SN74CBT16811CDLRG4 The **SN74CBT16811CDLRG4** is a high-speed CMOS bus switch produced by Texas Instruments. It is primarily used for signal switching, isolation, and voltage level shifting in high-performance computing and telecommunications systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Logic Family** | CBT (Crossbar Technology) | | **Switch Type** | 24-Bit FET Bus Switch | | **Configuration** | 24-channel (dual 12-bit or single 24-bit) | | **Operating Voltage** | 4.0V to 5.5V | | **Propagation Delay** | 0.25 ns (Max) | | **Package / Case** | 56-SSOP (0.295", 7.50mm Width) | | **Mounting Type** | Surface Mount | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Functional Description The SN74CBT16811CDLRG4 functions as a standard electronic switch. When the switch is enabled (low signal on Output Enable, $\overline{OE}$), it provides a low-resistance path between the ports, allowing bidirectional data flow. #### Core Features: * **Low ON-State Resistance ($R_{on}$):** Typically 5 $\Omega$, which minimizes signal distortion and attenuation. * **Zero Propagation Delay:** Due to the FET switch architecture, there is virtually no delay added to the signal path beyond the RC delay of the switch resistance and load capacitance. * **Under-Voltage Lock Out (UVLO):** Ensures the device remains in a high-impedance state during power-up or power-down to prevent glitching. * **Bus-Hold Circuitry:** Not present in this specific model, but it is designed to handle high-speed data without significant power consumption. --- ### 3. Pin Configuration and Control The device is organized as two 12-bit bus switches with separate output-enable ($\overline{OE}$) inputs. 1. **A1-A12 / B1-B12:** First set of I/O ports. 2. **A13-A24 / B13-B24:** Second set of I/O ports. 3. **1$\overline{OE}$ and 2$\overline{OE}$:** Control pins. When LOW, the switches are closed (ON). When HIGH, the switches are open (OFF), resulting in a high-impedance state. --- ### 4. Typical Applications * **Memory Interleaving:** Used to switch address and data lines between different memory banks. * **Bus Isolation:** Isolating a faulty or inactive segment of a bus to prevent it from loading down the active segment. * **Level Shifting:** Can be used to interface 5V systems with 3.3V systems (with the addition of a diode/resistor setup to drop $V_{cc}$). * **Hot-Plugging:** Protecting sensitive circuitry when cards or modules are inserted into a live backplane. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **SN74** | Standard Prefix (Texas Instruments Commercial Temp Range) | | **CBT** | Crossbar Technology (High-speed FET Switches) | | **16811** | 24-bit Bus Switch Function | | **C** | Version/Revision Code | | **DLR** | Package Designator (SSOP / Reel) | | **G4** | Green Product (Lead-Free / RoHS Compliant) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between CBT and CBTLV logic families?
    • ⤷ How do I calculate the RC delay for this switch in a high-speed circuit?
    • ⤷ Can this part be used for analog signal switching or is it digital only?