전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SPB1007-R27M

  • AI
    ### Overview of SPB1007-R27M The **SPB1007-R27M** is a high-current, surface-mount (SMD) power inductor. It is typically used in power management circuits for voltage regulation and energy storage. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.27 µH | The nominal inductance value. | | **Tolerance** | ±20% | Indicated by the "M" suffix. | | **Case Size** | 1007 (approx. 10x7mm) | Large footprint for high power handling. | | **DCR (Max)** | ~0.50 - 0.70 mΩ | Very low DC resistance to minimize heat loss. | | **Isat (Saturation Current)** | 40A - 60A+ | The current at which inductance drops by a specific %. | | **Irms (Rated Current)** | 25A - 35A | The continuous current allowed based on temperature rise. | --- ### Key Internal Parts and Construction 1. **Core Material:** Usually a **Carbonyl Iron Powder** or a composite metal alloy. These materials allow for "soft saturation" (a gradual drop in inductance as current increases) and high efficiency at high frequencies. 2. **Winding:** A flat-wire or heavy-gauge copper coil is used inside. Flat-wire construction reduces skin effect losses and allows for a lower profile while maintaining high current capacity. 3. **Encapsulation/Shielding:** The part is magnetically shielded. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. 4. **Terminations:** Lead-free (RoHS compliant) solder pads designed for standard SMT reflow processes. --- ### Common Applications The SPB1007-R27M is designed for high-performance power stages: * **Voltage Regulator Modules (VRMs):** Found in CPUs and GPUs to handle rapid load changes. * **DC/DC Converters:** Used in point-of-load (POL) power supplies. * **Battery Powered Systems:** Ideal for high-efficiency mobile or industrial devices. * **Servers and Networking:** High-current power distribution rails. --- ### Part Number Breakdown * **SPB:** Series designation (often indicating a shielded, high-current power inductor). * **1007:** Physical dimensions (Width and Length in millimeters, approx 10x7mm). * **R27:** Inductance value (R represents the decimal point; 0.27 microhenries). * **M:** Tolerance code (M = ±20%).
    ✨ Follow-up Questions
    • ⤷What is the typical saturation curve for this inductor?
    • ⤷ How does the flat-wire construction compare to round-wire inductors?
    • ⤷ Are there specific footprint recommendations for soldering the SPB1007 series?