SPB1012-R33Y
AI

The **SPB1012-R33Y** is a high-current, shielded surface-mount (SMD) power inductor. It is commonly used in DC-DC converter applications where high efficiency and low electromagnetic interference (EMI) are required.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The part number follows a standard naming convention for power inductors. Here are the typical parameters for the **R33Y** variant:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±30% (indicated by 'Y') |
| **DC Resistance (DCR)** | Very Low (typically < 2.0 mΩ) |
| **Saturation Current (Isat)** | High (typically 30A - 50A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
## 2. Component Construction
### Magnetic Core
The "SPB" series usually utilizes a **Carbonyl Iron Powder** or a composite metal core. This construction provides:
* **Soft Saturation:** The inductance does not drop abruptly when the current increases, allowing for better stability under heavy loads.
* **Low Core Loss:** Optimized for high-frequency switching (up to several MHz).
### Shielding
The inductor is magnetically shielded. This means the magnetic flux is contained within the component body, reducing **Electro-Magnetic Interference (EMI)** with nearby sensitive components on the PCB.
---
## 3. Key Electronic Features
* **High Current Handling:** Designed to handle significant current without overheating or reaching magnetic saturation.
* **Low DCR:** The low DC resistance minimizes power dissipation (heat) and maximizes the efficiency of the power supply.
* **AEC-Q200 Compliance:** Many parts in this series are automotive grade, meaning they are tested for high vibration and thermal shock resistance.
---
## 4. Common Applications
The SPB1012-R33Y is typically found in the following electronic circuits:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery for servers and laptops.
2. **Point of Load (PoL) Converters:** High-efficiency DC-DC step-down (Buck) converters.
3. **Automotive Electronics:** Infotainment systems and ADAS sensors.
4. **Battery Powered Devices:** Where high efficiency is critical to extending battery life.
---
## 5. Footprint (Dimensions)
The "1012" prefix usually refers to the physical package size:
* **Length:** ~11.0 mm
* **Width:** ~10.0 mm
* **Height:** ~1.2 mm (Ultra-low profile)
*Note: Always verify the exact datasheet from the manufacturer (such as Signal Transformer or similar generic manufacturers) as tolerances can vary slightly by brand.*
- ⤷
What is the significance of 'soft saturation' in this specific inductor?
- ⤷ How does the 0.33µH inductance value affect the ripple current in a Buck converter?
- ⤷ Are there pin-compatible alternatives to the SPB1012-R33Y from other manufacturers?