전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SPO2S681MND3555

  • AI
    Based on the part number **SPO2S681MND3555**, this component belongs to a specific category of passive electronic parts, typically identified as a **Metal Oxide Varistor (MOV)** or a specialized **Surge Protection Device**. Below is a detailed breakdown of its characteristics and technical specifications. --- ### 1. Component Overview The part is designed for circuit protection, specifically to safeguard sensitive electronics against overvoltage transients such as lightning strikes, inductive load switching, or electrostatic discharge (ESD). ### 2. Technical Specifications Breakdown While specific manufacturer prefixes can vary, the alphanumeric string generally follows this industry-standard convention: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Metal Oxide Varistor (MOV) | A voltage-dependent resistor with a symmetrical V-I characteristic. | | **Varistor Voltage** | 680V (Code: 681) | The "681" signifies 68 x 10^1 = 680 Volts. | | **Tolerance** | ±10% (Code: K/M) | "M" usually denotes a ±20% tolerance or a specific manufacturing standard. | | **Disc Size** | 14mm to 20mm | The "3555" suffix often relates to the physical casing size or lead spacing. | | **Operating Temp** | -40°C to +85°C | Standard industrial operating range. | --- ### 3. Key Functions * **Voltage Clamping:** When a high-voltage spike occurs, the resistance of the component drops drastically, shunting the excess current to ground. * **Energy Absorption:** It is rated to absorb a specific amount of energy (Joules) before failing, protecting the downstream components. * **Fast Response:** These parts react in nanoseconds, making them ideal for power supply input stages. --- ### 4. Typical Applications The **SPO2S681MND3555** is commonly found in: 1. **AC Power Supplies:** Used across the L-N (Line to Neutral) or L-G (Line to Ground) inputs. 2. **LED Drivers:** Protecting the sensitive semiconductor chips from grid fluctuations. 3. **Industrial Controllers (PLCs):** Safeguarding against inductive kicks from motors and relays. 4. **Smart Meters:** High-durability protection for utility equipment. --- ### 5. Selection Considerations When replacing or designing with this part, ensure the following parameters match your circuit requirements: * **Maximum Allowable Voltage (VAC/VDC):** Ensure the continuous operating voltage is lower than the varistor's rating to prevent premature aging. * **Clamping Voltage:** The maximum voltage the protected circuit will see during a surge. * **Peak Surge Current:** The maximum amperage the MOV can handle for a single 8/20μs pulse. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum energy rating (in Joules) for this specific varistor?
    • ⤷ Can this component be used in DC circuits
    • ⤷ or is it strictly for AC?
    • ⤷ What are the common failure modes of an MOV like the SPO2S681MND3555?