전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SQL360RTPCTP

  • AI
    ### Electronic Components of SQL360RTPCTP (Touch Control Panel) The **SQL360RTPCTP** generally refers to a specific type of **Capacitive Touch Panel (CTP)** integrated with a controller, often used in industrial or smart home displays. Below is a breakdown of its primary electronic architecture. --- ### 1. Core Hardware Components The electronic functionality is divided into the sensor layer and the processing unit: | Component | Description | Function | | :--- | :--- | :--- | | **ITO Sensor Grid** | Indium Tin Oxide (transparent conductive layer) | Detects changes in capacitance when a finger touches the surface. | | **Controller IC** | Integrated Circuit (e.g., FocalTech, Goodix, or Atmel) | Processes raw analog signals into digital X/Y coordinates. | | **FPC Connector** | Flexible Printed Circuit | The "ribbon" that carries power and data signals to the mainboard. | | **EMI Shielding** | Electromagnetic Interference protection | Prevents electrical noise from the LCD or external sources from causing "ghost touches." | --- ### 2. Signal Processing & Communication The electronic brain of the CTP handles the conversion of physical touch into data. * **Host Interface:** Usually communicates via **I2C (Inter-Integrated Circuit)** or **USB**. * *I2C Pins:* VCC, GND, SDA (Data), SCL (Clock), INT (Interrupt), and RESET. * **Voltage Levels:** Typically operates on **3.3V** or **1.8V** logic levels. * **Scanning Method:** Uses "Mutual Capacitance" scanning, allowing for multi-touch (usually up to 5 or 10 points simultaneously). --- ### 3. Integrated Circuit (IC) Firmware Logic The firmware embedded in the electronic parts performs the following tasks: ```c // Conceptual Logic for Touch Data void ProcessTouch() { Read_Raw_Capacitance(); // Scan the ITO grid Filter_Noise(); // Remove environmental interference Calculate_XY_Coordinates(); // Determine exact position Trigger_Interrupt(); // Signal the CPU that data is ready } ``` --- ### 4. Technical Specifications Summary Typical electronic characteristics for this class of module: * **Transparency:** >85% (Critical for the optical/electronic balance). * **Surface Hardness:** Usually 6H or higher (Protected by chemically strengthened glass). * **Response Time:** <10ms. * **Operating Current:** ~10mA (Active), <100uA (Sleep mode). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout definitions for the I2C interface on this model?
    • ⤷ Which controller IC brand is most commonly used in the SQL360RTPCTP series?
    • ⤷ How does EMI shielding impact the electronic sensitivity of the touch panel?