전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SR24L-SMB-R

  • AI
    The **SR24L-SMB-R** is a specific electronic component, typically categorized as a **Schottky Barrier Rectifier Diode**. These components are widely used for fast switching and low voltage drop applications in power management circuits. --- ## 1. Component Overview The part number follows a standard nomenclature where "SR" stands for Schottky Rectifier, "24" usually denotes the voltage/current rating, and "SMB" refers to the physical package type. ### Technical Specifications | Parameter | Value (Typical) | | :--- | :--- | | **Type** | Schottky Barrier Diode | | **Continuous Forward Current ($I_F$)** | 2.0 Amperes | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 40 Volts | | **Forward Voltage Drop ($V_F$)** | ~0.50V (at rated current) | | **Package Type** | SMB (DO-214AA) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Key Features The SR24L-SMB-R is designed for efficiency and high-speed operation. Its primary electronic characteristics include: * **Low Forward Voltage Drop:** This results in lower power loss compared to standard silicon diodes, making it ideal for battery-operated devices. * **High Surge Capacity:** It can handle brief spikes in current without failing. * **Fast Switching Speed:** Due to the Schottky barrier (metal-semiconductor junction), the reverse recovery time is negligible. * **Guardring Protection:** Most SR-series diodes include a guardring for transient protection and high $dv/dt$ capability. --- ## 3. Package and Pinout (SMB) The **SMB (DO-214AA)** is a standard surface-mount plastic package. It is larger than the SMA but smaller than the SMC package, offering a balance between power dissipation and board space. * **Cathode Indication:** Marked by a color band on the body. * **Anode:** The opposite terminal. ```text CATHODE (-) ANODE (+) [=======|----------------] [=======| SR24L ] [=======|----------------] ^-- Band marks Cathode ``` --- ## 4. Common Applications Due to its 2A / 40V rating, this part is commonly found in: 1. **DC-DC Converters:** Used as a freewheeling diode. 2. **Polarity Protection:** Preventing damage if batteries or power supplies are connected backward. 3. **Low Voltage Rectification:** In AC-DC adapters and power supplies. 4. **Clamping Circuits:** Protecting sensitive components from voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SMA
    • ⤷ SMB
    • ⤷ and SMC package sizes for this diode?
    • ⤷ How does the 'L' in SR24L affect the low forward voltage characteristics?
    • ⤷ Can this diode be used in a circuit with a reverse voltage higher than 40V?