전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SRM30L60DC-R

  • AI
    The **SRM30L60DC-R** is a high-performance **Schottky Barrier Diode (SBD)** module, typically designed for power conversion and management applications. It is engineered for high efficiency and high-speed switching. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60V | | **Average Forward Rectified Current** | $I_{O}$ | 30A (Total) | | **Peak Forward Surge Current** | $I_{FSM}$ | ~200A - 300A | | **Forward Voltage Drop** | $V_{F}$ | ~0.55V - 0.65V (at rated current) | | **Configuration** | - | Common Cathode (Dual Diode) | | **Package Type** | - | TO-247 or similar Power Package | --- ### 2. Internal Configuration The "DC" in the part number usually indicates a **Dual Center-tap** configuration. This means the package contains two diodes sharing a common cathode (the center pin). ```mermaid graph LR A[Anode 1] --> D1((Diode 1)) B[Anode 2] --> D2((Diode 2)) D1 --> C[Common Cathode] D2 --> C ``` --- ### 3. Core Features * **Low Forward Voltage ($V_F$):** Reduces power loss during conduction, increasing overall system efficiency. * **High Frequency Operation:** Schottky diodes have minimal reverse recovery time ($t_{rr}$), making them ideal for high-speed switching power supplies. * **Guard Ring Protection:** Most "SRM" series diodes include a guard ring for stress protection and high reliability against transient over-voltages. * **RoHS Compliant:** The "-R" suffix typically denotes compliance with environmental standards (Lead-Free/RoHS). --- ### 4. Typical Applications The SRM30L60DC-R is commonly found in: 1. **Switching Mode Power Supplies (SMPS):** Used in the secondary rectification stage. 2. **DC-DC Converters:** Acts as a freewheeling diode or output rectifier. 3. **Solar Inverters:** Used for battery charging and reverse current protection. 4. **OR-ing Diodes:** Used in redundant power supply systems to prevent back-feeding.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 30A Schottky diode like the SRM30L60DC-R?
    • ⤷ How does the forward voltage drop change with temperature in this module?
    • ⤷ Can this diode be used in a bridge rectifier circuit?