전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SRM40L60DC-R

  • AI
    The **SRM40L60DC-R** is a specialized power semiconductor module, typically a **Schottky Barrier Diode (SBD) Bridge** or a multi-chip power module designed for high-efficiency rectification. These components are commonly used in industrial power supplies, motor drives, and renewable energy systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Schottky Barrier Diode Module | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 60V | | **Average Forward Current ($I_{F(AV)}$)** | 40A | | **Configuration** | Common Cathode or Bridge (Low $V_F$) | | **Operating Temperature** | -40°C to +150°C | | **Package Type** | Low-profile, high-thermal conductivity module | --- ### 2. Electronic Composition and Features The SRM40L60DC-R is engineered for performance in low-voltage, high-speed switching environments. * **Schottky Technology:** Unlike standard silicon diodes, it uses a metal-semiconductor junction. This results in a much lower **Forward Voltage Drop ($V_F$)**, significantly reducing power loss and heat generation. * **Fast Switching:** Because there is no minority carrier recovery time, the reverse recovery charge is negligible, making it ideal for high-frequency DC-DC converters. * **Thermal Management:** The "DC" suffix often refers to the internal isolated mounting base. The internal chips are bonded to a ceramic substrate (like Alumina or DBC) to ensure high electrical isolation while providing a direct path for heat dissipation to a heatsink. * **Guard Ring Construction:** Most "L" series Schottky diodes include a guard ring for transient protection, improving long-term reliability against over-voltage spikes. --- ### 3. Common Applications Due to its 60V / 40A rating, this part is frequently found in: 1. **Switch Mode Power Supplies (SMPS):** Used in the secondary rectification stage to convert high-frequency AC to DC. 2. **Solar Inverters:** Acting as a blocking diode to prevent reverse current flow from batteries to panels. 3. **Battery Charging Systems:** High-current charging circuits where efficiency is critical to prevent thermal runaway. 4. **OR-ing Diodes:** In redundant power supply systems to isolate multiple power rails. --- ### 4. Circuit Diagram Representation In a typical circuit, the SRM40L60DC-R is represented as two diodes sharing a common terminal (usually the center pin or a specific module terminal). ```text Terminal 1 (Anode 1) ----|>|----| |---- Terminal 2 (Common Cathode) Terminal 3 (Anode 2) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum forward voltage drop (Vf) for the SRM40L60DC-R at rated current?
    • ⤷ How does the thermal resistance of this module compare to a standard TO-220 package?
    • ⤷ Can this module be used in a full-wave bridge rectifier configuration?