SRP3012CC-R22M
AI

## SRP3012CC-R22M: Electronic Component Specifications
The **SRP3012CC-R22M** is a high-current, shielded power inductor manufactured by **Bourns**. It is specifically designed to meet the demands of modern high-density power conversions, such as those found in consumer electronics and industrial DC/DC converters.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of this part:
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.22 µH | Rated at 100 kHz / 1V |
| **Tolerance** | ±20% | Denoted by the "M" suffix |
| **Irms (Heating Current)** | 9.0 A | Current causing a 40°C temp rise |
| **Isat (Saturation Current)** | 11.5 A | Current causing 30% inductance drop |
| **DCR (DC Resistance)** | 8.2 mΩ (Typ) | 9.5 mΩ (Max) |
| **Operating Temp** | -55 to +125 °C | Including self-heating |
| **Size Code** | 3012 | Approx. 3.0 x 3.0 x 1.2 mm |
---
### 2. Component Construction & Features
* **Shielded Construction:** The inductor uses a metal alloy powder core. This provides magnetic shielding, which minimizes electromagnetic interference (EMI) with surrounding components.
* **Low Profile:** With a height of only 1.2 mm, it is ideal for ultra-thin devices like smartphones, tablets, and SSDs.
* **High Saturation Current:** The metal powder technology allows for "soft" saturation, meaning the inductance doesn't drop abruptly when current spikes occur.
* **Carbonyl Powder Core:** This material choice ensures stability across a wide temperature range and high switching frequencies.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts in the series:
| Segment | Meaning |
| :--- | :--- |
| **SRP** | Series Name (High Current Power Inductor) |
| **3012** | Dimensions (3.0mm x 3.0mm x 1.2mm) |
| **CC** | Material/Design Revision Code |
| **R22** | Inductance Value (R22 = 0.22 µH) |
| **M** | Tolerance (M = ±20%) |
---
### 4. Typical Applications
The SRP3012CC-R22M is commonly found in:
1. **DC/DC Converters:** For voltage regulation in mobile devices.
2. **Power Supplies:** Low-profile VRM (Voltage Regulator Module) applications.
3. **Laptops/Tablets:** Distributed power systems on motherboards.
---
- ⤷
How does the saturation current (Isat) of this model compare to ferrite core inductors of the same size?
- ⤷ What are the recommended soldering profile requirements for the SRP3012CC series?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?