SRP3012CC-R68M
AI

## SRP3012CC-R68M Component Analysis
The **SRP3012CC-R68M** is a high-current, shielded power inductor manufactured by **Bourns**. It is designed specifically for high-density power applications where space is limited and efficiency is critical.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% |
| **Inductance Code** | R68 (0.68) |
| **Saturation Current ($I_{sat}$)** | 6.5 A (Typical) |
| **Heating Current ($I_{rms}$)** | 5.5 A (Typical) |
| **DC Resistance (DCR)** | 18.0 mΩ (Max) |
| **Operating Temperature** | -40 °C to +125 °C |
| **Package Size** | 3.0 x 3.0 x 1.2 mm |
---
### 2. Physical Construction
The "CC" in the part number indicates a specific construction style within the SRP series:
* **Metal Alloy Powder Core:** Uses a molded metal powder core that provides high saturation current characteristics compared to traditional ferrite cores.
* **Shielded Design:** The molded construction naturally shields the inductor, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Low Profile:** With a height of only 1.2 mm, it is ideal for thin electronic devices like tablets and ultra-portable laptops.
---
### 3. Application Use Cases
This specific inductor is generally used in DC-DC converters and Power Management Integrated Circuits (PMICs).
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power phases for mobile devices.
* **Smartphones & Tablets:** High current handling in a small footprint.
* **SSD Storage:** Power rails for NAND flash and controllers.
* **IoT Devices:** Efficient power conversion for battery-operated sensors.
---
### 4. Part Number Breakdown
```text
SRP 3012 CC - R68 M
| | | | |
| | | | +-- Tolerance (M = ±20%)
| | | +----- Inductance Value (R68 = 0.68 µH)
| | +---------- Construction Type (CC = Carbonyl Core/Molded)
| +-------------- Dimensions (3.0mm x 3.0mm x 1.2mm)
+------------------- Series Name (Shielded Power Inductor)
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Are there automotive-grade versions of the SRP3012 series?
- ⤷ How does the DCR of this part affect its power efficiency?