전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSL0503HC-R56M-N

  • AI
    The **SSL0503HC-R56M-N** is a specialized electronic component, specifically a **Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Deciphering Understanding the alphanumeric code helps identify the part's physical and electrical properties: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SSL** | Series Name | High-current power inductor series. | | **0503** | Physical Size | Roughly 5.0mm x 3.0mm footprint (standard metric/imperial hybrid). | | **HC** | Feature | High Current capability. | | **R56** | Inductance Value | **0.56 µH** (Microhenries). | | **M** | Tolerance | **±20%** deviation allowed from nominal inductance. | | **N** | Lead-free/RoHS | Indicates environmental compliance (Non-hazardous). | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (often Chilisin or similar vendors), the general specifications for this part include: * **Inductance:** 0.56 µH. * **Operating Temperature:** Typically -40°C to +125°C. * **Saturation Current ($I_{sat}$):** The current level where inductance drops (usually very high in HC models, often >10A). * **DC Resistance (DCR):** Extremely low, measured in milliohms ($m\Omega$), to minimize power loss as heat. * **Shielding:** Usually unshielded or semi-shielded depending on the specific molding. --- ### 3. Core Functions & Applications This part is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. #### A. Key Functions 1. **Energy Storage:** Stores energy in a magnetic field during the "on" cycle of a switching regulator. 2. **Filtering:** Smooths out the output current to provide a steady voltage to sensitive chips (CPUs, GPUs). 3. **Noise Suppression:** Blocks high-frequency AC interference. #### B. Common Applications * **Graphic Cards:** High-current power phases for GPUs. * **Motherboards:** VCore power delivery. * **Laptops:** Power management for processors. * **Servers:** High-efficiency power modules. --- ### 4. PCB Design Considerations When using the `SSL0503HC-R56M-N` in a circuit design, keep the following in mind: ```markdown * Thermal Management: Place the inductor away from heat-sensitive capacitors. * Trace Width: Use wide copper pours to handle the high current this part is rated for. * EMI: Since it is a high-current inductor, be mindful of electromagnetic interference on nearby signal traces. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the SSL0503HC series?
    • ⤷ Can this inductor be replaced with a shielded equivalent of the same inductance?
    • ⤷ How does the 'R56' notation differ from '560' in inductor labeling?