전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSL12A

  • AI
    The **SSL12A** is a commonly used small-form-factor electronic component, most frequently encountered as a **Sub-miniature Slide Switch**. It is widely used in consumer electronics for power control or mode selection. ### 1. Technical Specifications The SSL12A typically features a **Single Pole Double Throw (SPDT)** configuration. Below are the standard technical parameters: | Parameter | Specification | | :--- | :--- | | **Circuit Configuration** | SPDT (1 Pole, 2 Positions) | | **Switching Type** | Non-shorting (BBM - Break Before Make) | | **Current Rating** | 0.3A to 0.5A | | **Voltage Rating** | 12V to 50V DC | | **Contact Resistance** | ≤ 30mΩ | | **Insulation Resistance** | ≥ 100MΩ (at 500V DC) | | **Dielectric Strength** | 500V AC for 1 minute | | **Mechanical Life** | 10,000 cycles | --- ### 2. Physical Construction and Pins The SSL12A is designed for PCB (Printed Circuit Board) mounting, usually through-hole (THT). * **Knob Height:** Usually varies between 2mm and 5mm depending on the specific model variation. * **Pin Layout:** It has 3 functional pins and often 2 additional side "lugs" or "tabs" for mechanical stability/grounding. * **Terminal Logic:** * **Center Pin:** Common (COM). * **Left/Right Pins:** Output terminals. Sliding the knob connects the center pin to one of the outer pins. --- ### 3. Applications Due to its small footprint and low current rating, it is not used for high-power industrial machinery but is perfect for: * **Battery-powered devices:** Turning toys or handheld gadgets ON/OFF. * **Mode Selection:** Switching between two modes in a circuit (e.g., High/Low speed). * **Prototyping:** Often used on breadboards or DIY Arduino projects for simple logic switching. --- ### 4. Schematic Representation In an electronic schematic, the SSL12A is represented as follows: ```text (Left) (Common) (Right) [1] ----- [2] ----- [3] | (Slide Position) ``` * **Position 1:** Pin 1 and Pin 2 are connected. * **Position 2:** Pin 2 and Pin 3 are connected. ---
    ✨ Follow-up Questions
    • What is the difference between an SPDT and a DPDT slide switch?
    • How do I solder an SSL12A to avoid melting the internal plastic?
    • Can an SSL12A be used to switch 110V AC power?