전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSM2377ACBZ-R7

  • AI
    The **SSM2377ACBZ-R7** is a high-efficiency, filterless, Class-D audio amplifier manufactured by Analog Devices. It is specifically designed for mobile electronics where board space is limited and power efficiency is critical. --- ### ## 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Class D (Mono) | | **Output Power** | 2.5 W into 4 $\Omega$ load (at 5.0 V) | | **Supply Voltage** | 2.5 V to 5.5 V | | **Efficiency** | Up to 92% | | **Signal-to-Noise Ratio (SNR)** | 100 dB (typical) | | **Package** | 9-ball WLCSP (Wafer Level Chip Scale Package) | | **THD + N** | 0.02% (at 1 kHz, 500 mW output) | --- ### ## 2. Core Functional Blocks 1. **Analog Input Stage:** The device features fully differential inputs. This design is crucial for rejecting common-mode noise, such as the RF interference generated by mobile phone antennas. 2. **PWM Modulator:** It uses a high-speed Pulse Width Modulation (PWM) scheme. The SSM2377 utilizes a "Filterless" modulation technique, which allows the device to drive a speaker directly without a bulky LC (Inductor-Capacitor) filter. 3. **H-Bridge Output Stage:** The output stage consists of MOSFETs arranged in an H-bridge configuration to drive the speaker across the positive and negative terminals, maximizing the voltage swing from a single power supply. 4. **Protection Circuitry:** * **Short-Circuit Protection:** Prevents damage if the speaker leads are shorted. * **Thermal Shutdown:** Shuts the device down if the internal temperature exceeds safe limits. --- ### ## 3. Notable Features * **Low Quiescent Current:** It draws very little power when active but not playing music (approx. 1.5 mA), extending battery life. * **Ultralow Shutdown Current:** In standby mode, current consumption drops to less than 1 µA. * **High PSRR:** The Power Supply Rejection Ratio (PSRR) is excellent (typically 80 dB), meaning noise from the battery or other switching regulators won't easily leak into the audio signal. * **Pop-and-Click Suppression:** Integrated circuitry minimizes the audible "pops" or "clicks" that usually occur when the device is powered on or off. --- ### ## 4. Common Applications Due to its small footprint and high efficiency, it is commonly found in: * Smartphones and Tablets * Portable Media Players * Handheld Gaming Consoles * Small Bluetooth Speakers
    ✨ Follow-up Questions
    • ⤷How does the filterless Class-D design reduce PCB footprint compared to traditional Class-D amps?
    • ⤷ What are the advantages of the 9-ball WLCSP package for this specific component?
    • ⤷ How does the SSM2377 achieve high efficiency at low output power levels?