전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSM2529ACBZ-R7

  • AI
    ## SSM2529ACBZ-R7: Technical Overview The **SSM2529ACBZ-R7** is a highly integrated, digital input, Class-D audio power amplifier manufactured by **Analog Devices**. It is specifically designed for mobile computing and portable electronic devices where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Digital Input Class-D Audio Amplifier | | **Output Power** | 2 W into 4 $\Omega$ (at 5.0 V supply) | | **Input Interface** | I²S, TDM, Left-Justified, Right-Justified | | **Operating Voltage** | 2.5 V to 5.5 V | | **Efficiency** | > 90% at 2 W | | **SNR (Signal-to-Noise)** | 102 dB (A-weighted) | | **Package** | 16-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Functional Parts The internal architecture of the SSM2529 consists of several critical electronic stages: #### A. Digital Audio Interface The chip eliminates the need for an external DAC (Digital-to-Analog Converter). It accepts digital audio data directly via standard serial protocols (I²S or TDM). This reduces noise interference that typically affects analog signal lines. #### B. Digital Sigma-Delta ($\Sigma-\Delta$) Modulator This part converts the incoming pulse-code modulation (PCM) digital data into a high-frequency pulse-density modulated (PDM) stream. This stage is responsible for the high SNR and low distortion (THD+N) characteristics. #### C. H-Bridge Power Stage The output stage uses an H-Bridge configuration of MOSFETs to drive the speaker. Because it operates in Class-D (switching mode), the transistors are either fully "ON" or fully "OFF," leading to extremely low power dissipation compared to traditional Class-AB amplifiers. #### D. Control Logic and I²C Interface The device features an **I²C control port** which allows a microcontroller to: * Adjust volume levels. * Monitor diagnostic flags (Short circuit, Over-temperature). * Configure sample rates and power-saving modes. --- ### 3. Application Advantages * **Filterless Design:** It utilizes a proprietary edge-rate control and spread-spectrum modulation to meet FCC EMI emissions standards without the need for bulky external LC (Inductor-Capacitor) filters. * **Low Quiescent Current:** It draws very little power when active but not playing sound, extending battery life in smartphones and tablets. * **Protection Circuitry:** Includes integrated protection against short circuits on the outputs and thermal overload. --- ### 4. Typical Pin Layout (Simplified) | Pin Name | Function | | :--- | :--- | | **VDD / PVDD** | Power supply pins (Digital / Power) | | **SDATA** | Serial data input | | **BCLK** | Bit clock input | | **LRCLK** | Frame clock / Left-Right clock | | **OUT+ / OUT-** | Differential speaker outputs | | **SDA / SCL** | I²C control interface | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a Class-D amplifier over Class-AB in mobile devices?
    • ⤷ How does the 'filterless' technology in the SSM2529 handle electromagnetic interference (EMI)?
    • ⤷ Can the SSM2529ACBZ-R7 be used in a stereo configuration
    • ⤷ or is it mono only?