전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSM2537ACBZ-R7

  • AI
    ## SSM2537ACBZ-R7: Technical Overview The **SSM2537ACBZ-R7** is a high-performance, integrated digital input Class-D audio power amplifier. It is specifically designed for mobile applications where space is limited and power efficiency is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Class-D Audio Amplifier | | **Input Type** | Digital (I2S / TDM) | | **Output Power** | 2.7 W (into 4 $\Omega$ at 5.0 V) | | **Supply Voltage** | 2.5 V to 5.5 V | | **Package** | 9-ball WLCSP (Wafer Level Chip Scale Package) | | **Signal-to-Noise Ratio (SNR)** | 102 dB | | **Efficiency** | > 90% | --- ### 2. Core Functional Blocks The device integrates several critical electronic components into a single tiny chip: 1. **Digital Audio Interface:** It accepts standard digital formats like I2S, left-justified, right-justified, and TDM. This eliminates the need for an external DAC (Digital-to-Analog Converter) on the application processor side. 2. **Digital Delta-Sigma Modulator:** Converts the incoming PCM digital audio signal into a high-frequency pulse-density modulated signal. 3. **H-Bridge Output Stage:** The "power" part of the chip that drives the speaker. Being Class-D, it switches on and off rapidly to minimize heat dissipation. 4. **Integrated Boost / LDO Regulators:** It often includes internal regulation to ensure the digital core operates correctly regardless of battery voltage fluctuations. --- ### 3. Key Electronic Features * **Filterless Capability:** The device uses a spread-spectrum pulse density modulation (PDM) scheme. This reduces electromagnetic interference (EMI) enough that external LC filters (large inductors and capacitors) are often unnecessary, saving PCB space. * **Dynamic Range Control (DRC):** Includes internal processing to prevent clipping and protect the speaker from damage during high-volume peaks. * **I2C Control:** The chip is configurable via an I2C interface, allowing software to adjust volume, mute, sample rates, and power-down states. * **Protection Circuitry:** * **Thermal Shutdown:** Protects the chip from overheating. * **Short-Circuit Protection:** Prevents damage if the speaker leads are shorted. * **Undervoltage Lockout (UVLO):** Ensures the chip shuts down gracefully if the battery voltage drops too low. --- ### 4. Typical Application Circuit A typical implementation requires very few external components: ```c // Simplified Connection Diagram [Application Processor] --- I2S Data ---> [SSM2537] --- Out+ ---> [Speaker] [Application Processor] --- I2C Bus ---> [SSM2537] --- Out- ---> [Speaker] [Battery 3.7V] ----------------> [VDD Pin] ``` The WLCSP package (0.4mm pitch) makes it ideal for smartphones, tablets, and wearable electronics where the total solution footprint must be minimized.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a digital input Class-D amplifier over an analog input one?
    • ⤷ Can you explain the difference between I2S and TDM modes in this chip?
    • ⤷ What are the specific thermal management considerations for the WLCSP package?