전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSM2603CPZ-R2

  • AI
    # Overview of the SSM2603CPZ-R2 The **SSM2603CPZ-R2** is a low-power, high-quality **stereo audio codec** manufactured by Analog Devices. It is specifically designed for portable digital audio applications, such as MP3 players, recorders, and mobile phones. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Stereo Audio Codec (ADC + DAC) | | **Resolution** | 24-bit | | **Sampling Rate** | 8 kHz to 96 kHz | | **Supply Voltage (Analog)** | 1.8V to 3.6V | | **Supply Voltage (Digital)** | 1.5V to 3.6V | | **Signal-to-Noise Ratio (DAC)** | 100 dB (typical at 3.3V) | | **Signal-to-Noise Ratio (ADC)** | 90 dB (typical at 3.3V) | | **Package** | 28-Lead LFCSP (4mm x 4mm) | --- ## 2. Functional Electronic Sections The chip is integrated with several critical blocks that handle the conversion and routing of audio signals: ### A. Analog-to-Digital Converter (ADC) * Multibit sigma-delta architecture. * Includes a **programmable gain amplifier (PGA)** for microphone or line inputs. * Supports digital high-pass filters to remove DC offsets. ### B. Digital-to-Analog Converter (DAC) * High-performance multibit sigma-delta modulator. * Features digital interpolation filters and digital de-emphasis. ### C. Audio Interfaces * **Digital Audio Interface:** Supports I2S, Left-Justified, Right-Justified, and DSP modes. * **Control Interface:** Uses a 2-wire (I2C) or 3-wire serial control interface to configure internal registers. ### D. Integrated Headphone Amplifier * The chip includes a built-in stereo headphone driver capable of driving 16 $\Omega$ or 32 $\Omega$ loads directly, reducing the need for external components. --- ## 3. Typical Application Circuit When designing with the SSM2603, the following electronic considerations are vital: * **Decoupling Capacitors:** Place 0.1µF and 10µF capacitors close to the $AV_{DD}$ and $DV_{DD}$ pins to minimize noise. * **Clocking:** Requires a Master Clock (MCLK) provided by an external crystal or oscillator. It supports common frequencies like 12.288 MHz or 18.432 MHz. * **Grounding:** Use a solid ground plane; keep analog and digital grounds connected at a single point to prevent digital noise from bleeding into the audio path. ```c // Example pseudocode for initializing the SSM2603 via I2C void init_SSM2603() { I2C_Write(REG_RESET, 0x00); // Reset the device I2C_Write(REG_POWER_DOWN, 0x00); // Power up all blocks I2C_Write(REG_ANALOG_PATH, 0x12); // Select DAC and Mic Boost I2C_Write(REG_DIGITAL_FORMAT, 0x02); // Set to I2S, 24-bit I2C_Write(REG_ACTIVE, 0x01); // Activate the digital interface } ``` --- ## 4. Main Benefits 1. **Low Power Consumption:** Optimized for battery-powered devices. 2. **Flexible Routing:** Allows for side-tone attenuation and mixing of analog signals. 3. **Compact Footprint:** The 4x4mm LFCSP package is ideal for space-constrained PCBs.
    ✨ Follow-up Questions
    • ⤷What are the power consumption figures for the SSM2603 in standby vs active mode?
    • ⤷ Does the SSM2603 require an external PLL for clock generation?
    • ⤷ How does the SSM2603 compare to the TLV320AIC3104 codec?