전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSM4800AGM

  • AI
    ## Overview of the SSM4800AGM The **SSM4800AGM** is an N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-density power switching and battery management applications where space and efficiency are critical. --- ### Key Specifications | Parameter | Symbol | Value (Typical/Max) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | ~6.5 A to 7.0 A | | **Pulsed Drain Current** | $I_{DM}$ | ~30 A | | **On-Resistance ($V_{GS}=10V$)** | $R_{DS(ON)}$ | < 25 mΩ | | **On-Resistance ($V_{GS}=4.5V$)** | $R_{DS(ON)}$ | < 40 mΩ | | **Package Type** | SOP-8 | Small Outline Package | --- ### Technical Characteristics * **Low On-Resistance ($R_{DS(ON)}$):** This ensures minimal power loss during the conduction state, reducing heat generation. * **High Speed Switching:** The device is optimized for fast response times, making it suitable for PWM (Pulse Width Modulation) circuits. * **Logic Level Drive:** It can be fully "turned on" using standard logic-level voltages (around 4.5V to 10V), allowing it to interface directly with microcontrollers or specialized gate drivers. * **Thermal Efficiency:** The SOP-8 lead-frame is designed for effective heat dissipation into the PCB (Printed Circuit Board). --- ### Pin Configuration (SOP-8) The SOP-8 package typically follows a standard pinout for single N-channel MOSFETs: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | **S** (Source) | Terminal where current exits (connected to ground or load return). | | 4 | **G** (Gate) | Control terminal that determines the conduction of the MOSFET. | | 5, 6, 7, 8 | **D** (Drain) | Terminal where current enters (connected to the load). | --- ### Common Applications 1. **Power Management:** DC-DC converters and load switching in laptops and portable devices. 2. **Battery Protection:** Used in BMS (Battery Management Systems) to connect/disconnect the battery cell from the load or charger. 3. **Motor Control:** Small DC motor drivers for consumer electronics. 4. **LED Lighting:** Switching elements for high-power LED arrays. --- ### Basic Driving Circuit (Example) ```cpp // Schematic representation logic [Gate] ---- [Resistor 100-ohm] ---- [Microcontroller PWM Pin] [Drain] ---- [Connected to Load (e.g., Motor/LED)] [Source] ---- [Connected to Common Ground] ```
    ✨ Follow-up Questions
    • What are the safe operating temperature limits for the SSM4800AGM?
    • How does the gate charge (Qg) affect the switching speed of this MOSFET?
    • Can this MOSFET be used for high-side switching in a circuit?