전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSP60010-R

  • AI
    The **SSP60010-R** is a high-performance, N-Channel enhancement mode power MOSFET. It is primarily designed for high-efficiency switching applications, power management, and DC-DC conversion. --- ### ## Technical Specifications Below are the primary electrical characteristics typically associated with this part: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | 100A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 6.5 mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | TO-220 / TO-263 | --- ### ### Key Electronic Features 1. **Low $R_{DS(on)}$:** The device features extremely low resistance when turned on. This minimizes power dissipation as heat, making it highly efficient for high-current applications. 2. **High Density Cell Design:** Utilizes advanced trench technology to achieve high power and current handling capability in a small footprint. 3. **Fast Switching:** Optimized gate charge ($Q_g$) allows the MOSFET to switch states rapidly, reducing switching losses in high-frequency PWM circuits. 4. **Avalanche Ruggedness:** Designed to handle energy spikes (UIS - Unclamped Inductive Switching) that occur when driving inductive loads like motors or transformers. --- ### ### Common Applications * **Motor Control:** Used in H-bridge circuits for BLDC motor drives. * **Power Supplies:** Ideal for Synchronous Rectification in AC/DC or DC/DC converters. * **Battery Management:** Acts as a high-current switch for battery protection circuits and BMS. * **Inverters:** Used in solar or UPS systems to convert DC power to AC. --- ### ### Typical Circuit Implementation When integrating the SSP60010-R, a gate resistor is usually recommended to dampen oscillations. ```cpp // Schematic representation of MOSFET control Gate Pin <---- [ 10 Ohm Resistor ] <---- PWM Controller Drain Pin <--- [ Load ] <--- Power Supply (+) Source Pin <--- Ground (GND) ```
    ✨ Follow-up Questions
    • What is the maximum junction temperature for the SSP60010-R?
    • How does its Rds(on) change with gate voltage?
    • Are there logic-level compatible versions of this MOSFET?