전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSR-80DA-H-R

  • AI
    The **SSR-80DA-H-R** is a specific model of a Solid State Relay (SSR). Unlike mechanical relays, it uses semiconductor devices to switch high-power loads, offering faster response times and longer lifespans due to the lack of moving parts. --- ### 1. Part Number Breakdown The model name follows a standardized nomenclature for industrial relays: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | SSR | Solid State Relay | | **Current Rating** | 80 | 80 Amperes (Maximum Load) | | **Input Type** | D | DC Voltage Control (usually 3-32VDC) | | **Output Type** | A | AC Voltage Output | | **Voltage Range** | H | High Voltage Range (usually up to 480VAC) | | **Control Mode** | R | Resistance/Proportional Control (Phase Angle) | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for this specific model: | Parameter | Specification | | :--- | :--- | | **Input Control Voltage** | 3 - 32V DC | | **Rated Load Current** | 80A | | **Load Voltage Range** | 90 - 480V AC | | **Switching Type** | Phase Angle / Variable Resistance (Note: "R" usually indicates variable control) | | **On-state Voltage Drop** | $\leq$ 1.6V | | **Dielectric Strength** | 2500V AC | | **Insulation Resistance** | 500M$\Omega$ / 500VDC | --- ### 3. Internal Component Structure The SSR-80DA-H-R consists of three primary stages: 1. **Input Circuit (Control):** Contains an internal LED and current-limiting resistors. When DC voltage is applied, the LED lights up. 2. **Optical Isolation:** A photo-triac or optocoupler receives the light from the LED. This ensures there is no electrical connection between the low-voltage DC controller and the high-voltage AC load. 3. **Output Circuit (Switching):** Consists of back-to-back Thyristors (SCRs) or a Triac capable of handling 80A. The "R" suffix often indicates it is designed for **proportional control**, meaning it can vary the output power based on the input signal rather than just simple ON/OFF switching. --- ### 4. Critical Installation Requirements Due to the high current rating (80A), this component generates significant heat: * **Heat Sink:** You **must** mount this on a properly sized aluminum heat sink. Operating at 80A without cooling will destroy the device in seconds. * **Thermal Paste:** Apply a thin layer of thermal grease between the SSR baseplate and the heat sink to ensure efficient heat transfer. * **Safety Margin:** For inductive loads (motors/transformers), it is recommended to derate the current by 50-70% to handle back-EMF spikes. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Zero-Cross SSR and a Phase-Angle SSR?
    • ⤷ How do I calculate the required heat sink size for an 80A load?
    • ⤷ Can I use the SSR-80DA-H-R to control a DC motor?