전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SSR-RACK08

  • AI
    The **SSR-RACK08** is a 8-channel Solid State Relay (SSR) interface board designed for industrial automation, robotics, and microcontroller applications. It allows low-power logic devices (like Arduino, Raspberry Pi, or PLCs) to control high-power AC loads safely. --- ## 1. Core Electronic Components The board is comprised of several key stages to ensure safe and efficient power switching: | Component Category | Description | | :--- | :--- | | **Solid State Relays (SSRs)** | Usually 8 individual SSRs (e.g., OMRON G3MB-202P). Unlike mechanical relays, these have no moving parts, preventing arcing and wear. | | **Opto-Isolators** | Integrated into the SSRs to provide electrical isolation between the DC control circuit and the AC load circuit. | | **LED Indicators** | 8 individual LEDs that light up when a specific channel is triggered (Logic HIGH/LOW). | | **Terminal Blocks** | Screw-type terminals for connecting the AC power source and the external loads. | | **Resistor Network** | Current-limiting resistors to protect the input trigger pins and the status LEDs. | --- ## 2. Technical Specifications Typical specifications for a standard SSR-RACK08 module: * **Input Control Voltage:** 3.3V to 5V DC (TTL Logic). * **Output Load Voltage:** 100V to 240V AC (Standard versions). * **Maximum Load Current:** 2A per channel (Total 16A for the board). * **Switching Type:** **Zero-Cross Switching** (Reduces electrical noise by turning the relay on/off when the AC voltage is at 0V). * **Safety Features:** Opto-coupling isolation (typically up to 2.5kV). --- ## 3. Pin Configuration & Wiring The board is generally divided into a **Control Side** (Low Voltage) and a **Load Side** (High Voltage). ### Control Side (Input) ```yaml VCC: Positive Power Supply (5V) GND: Ground (0V) CH1 - CH8: Signal Input Pins (Trigger pins) ``` ### Load Side (Output) Each channel has two terminals: 1. **AC Live In:** The incoming high-voltage line. 2. **Load Out:** The line connecting directly to your device (light, motor, heater). --- ## 4. Key Advantages over Mechanical Relays 1. **High Speed:** Can switch much faster than mechanical armatures. 2. **Silent Operation:** No "clicking" sound during switching. 3. **Longevity:** Since there are no physical contacts, there is no oxidation or mechanical failure over time. 4. **Low Logic Current:** Can be driven directly by microcontroller GPIO pins without a transistor driver in most cases. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire SSRs?
    • ⤷ Can I use the SSR-RACK08 to control DC motors?
    • ⤷ What happens if I exceed the 2A current limit on one channel?