전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STB01-R-1

  • AI
    The **STB01-R-1** is a specific electronic component typically categorized under **Terminal Block Modules** or **Interface Modules**. These parts are designed to bridge high-density cabling (like PLC I/O cables) to standard wire terminals for easier distribution and maintenance. --- ### 1. General Specifications While specifications can vary slightly by manufacturer (often associated with industrial automation brands like Weidmüller or specialized CNC brands), the general characteristics of the STB01-R-1 series are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | DIN-rail Mountable Interface Module | | **Connector Type** | Usually Ribbon Cable Header (IDC) or D-Sub | | **Terminal Type** | Screw or Tension Clamp terminals | | **Mounting** | Standard 35mm DIN Rail | | **Voltage Rating** | Typically 24V DC to 125V AC/DC | | **Current Rating** | ~1A per circuit (signal level) | --- ### 2. Key Electronic Functions The STB01-R-1 serves several critical roles in an electronic assembly: * **Signal Distribution:** It breaks out a single high-density connector into individual screw terminals, allowing technicians to wire sensors, actuators, or switches to a central controller. * **Protection (Optional):** Many "R" designated models include internal resistors or diodes for signal conditioning or surge protection, though this depends on the specific sub-variant. * **Wire Management:** It eliminates the need for messy "daisy-chain" wiring by providing a structured point of connection. --- ### 3. Structural Components The physical board usually consists of the following electronic parts: 1. **PCB (Printed Circuit Board):** A multi-layer board that routes the signals from the high-density input to the terminal outputs. 2. **IDC Header:** A multi-pin male header (often 20, 40, or 50 pins) used to connect a ribbon cable coming from a PLC or CNC controller. 3. **Terminal Blocks:** Physical blocks where external field wiring is inserted. 4. **Passive Components:** Some versions include SMD (Surface Mount Device) resistors or LEDs to indicate power status or signal activity. --- ### 4. Typical Applications * **CNC Machines:** Used to interface the main control board with axis drivers. * **PLC Systems:** Connecting I/O modules to field devices. * **Test Benches:** Providing easy-access points for measuring signals during prototyping.
    ✨ Follow-up Questions
    • ⤷ What is the pin count for the STB01-R-1 connector?
    • ⤷ Is the STB01-R-1 compatible with 24V DC logic levels?
    • ⤷ Does this module include LED indicators for signal monitoring?