전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STM32F412RGT3P

  • AI
    The **STM32F412RGT3P** is a high-performance microcontroller from STMicroelectronics’ Access Line, based on the **ARM® Cortex®-M4** 32-bit RISC core. It is specifically designed to balance performance, power efficiency, and integrated features for mid-range industrial and consumer applications. --- ## 1. Core Technical Specifications The device operates at a high frequency while maintaining a low power profile. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU (Floating Point Unit) | | **Maximum CPU Frequency** | 100 MHz | | **Flash Memory** | 1024 KB (1 MB) | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7 V to 3.6 V | | **Package Type** | LQFP-64 (Low-profile Quad Flat Package) | | **Operating Temperature** | -40°C to 85°C | --- ## 2. Key Electronic Peripherals The "P" in the part number indicates specific features or power optimizations. Here are the primary internal modules: ### A. Advanced Processing & Memory * **Adaptive Real-Time Accelerator (ART):** Allows 0-wait state execution from Flash memory at up to 100 MHz. * **DMA Controller:** 16-stream general-purpose DMA to offload the CPU from data transfer tasks. * **Memory Interfaces:** Includes a Flexible Static Memory Controller (FSMC) to interface with external SRAM, PSRAM, and NOR Flash. ### B. Connectivity & Communication The STM32F412 series is known for its high density of communication interfaces: * **I2C:** 4x interfaces (supporting SMBus/PMBus). * **USART/UART:** 4x interfaces (up to 12.5 Mbit/s). * **SPI/I2S:** 5x SPI (up to 50 Mbit/s) / 5x I2S (for audio). * **CAN:** 2x CAN interfaces (2.0B Active). * **USB:** USB 2.0 OTG Full Speed (On-The-Go). * **SDIO:** Support for SD, MMC, and eMMC cards. ### C. Analog-to-Digital Interfacing * **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels. * **Temperature Sensor:** Internal sensor connected to the ADC. --- ## 3. Power Management Features The STM32F412RGT3P is optimized for battery-operated devices: 1. **Sleep, Stop, and Standby modes:** Reduces power consumption when the CPU is idle. 2. **$V_{BAT}$ Supply:** Allows the RTC (Real-Time Clock) and backup registers to run from a coin cell battery if the main power fails. 3. **BAM (Batch Acquisition Mode):** Allows data exchange via peripherals while the CPU remains in power-saving mode. --- ## 4. Part Number Decoder (STM32F412RGT3P) | Code Segment | Meaning | | :--- | :--- | | **STM32** | Family: 32-bit ARM Microcontroller | | **F412** | Line: High-performance Access Line (Cortex-M4) | | **R** | Pin Count: 64 Pins | | **G** | Flash Size: 1024 KB | | **T** | Package: LQFP | | **3** | Temperature Range: -40°C to +125°C (extended range) | | **P** | Specific feature set or process variant | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32F411 and the STM32F412?
    • ⤷ How does the ART Accelerator improve execution speed in this chip?
    • ⤷ Which IDEs and compilers are recommended for developing with the STM32F412RGT3P?