전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STM32F412RGT6

  • AI
    The **STM32F412RGT6** is a high-performance microcontroller from STMicroelectronics' STM32F4 series. It is based on the ARM® Cortex®-M4 32-bit RISC core and is designed for applications requiring high efficiency, power saving, and rich connectivity. --- ## 1. Core Specifications The core of this MCU includes a Floating Point Unit (FPU) and supports all ARM single-precision data-processing instructions and data types. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Max CPU Frequency** | 100 MHz | | **Flash Memory** | 1024 KB (1 MB) | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7V to 3.6V | | **Package** | LQFP-64 | | **Instruction Architecture** | Thumb-2 | --- ## 2. Key Peripheral Interfaces The STM32F412RGT6 is known for its "Access Line" features, providing a balanced mix of performance and power consumption. ### Connectivity * **USB:** 1x USB 2.0 OTG Full Speed. * **CAN:** 2x CAN interfaces (2.0B Active). * **I2C:** 4x I2C interfaces (up to 1 MHz). * **USART/UART:** 4x interfaces (up to 12.5 Mbit/s). * **SPI/I2S:** 5x SPI interfaces (up to 50 Mbit/s). * **SDIO:** 1x interface supporting SD/MMC/eMMC cards. ### Analog & Timing * **ADC:** 1x 12-bit ADC with 16 channels (up to 2.4 MSPS). * **Timers:** * 1x Advanced control timer. * 7x General-purpose timers. * 2x Watchdog timers. --- ## 3. Power Management Features This chip is optimized for low-power applications through several modes: * **Sleep, Stop, and Standby modes.** * **V_BAT supply:** Allows for power to the RTC (Real Time Clock) and backup registers from a battery when main VDD is off. * **Adaptive Real-Time (ART) Accelerator:** Allows 0-wait state execution from Flash memory at up to 100 MHz. --- ## 4. Pinout and Physical Characteristics The **LQFP-64** package provides a compact footprint while offering sufficient I/O for complex designs. ```c // Example: Basic GPIO Initialization Snippet (HAL Library) void MX_GPIO_Init(void) { GPIO_InitTypeDef GPIO_InitStruct = {0}; __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock for Port A GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; // Push-Pull Output GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` --- ## 5. Typical Applications Due to its 1MB Flash and high RAM density, it is commonly used in: 1. **Industrial Controllers:** PLC, inverters, and circuit breakers. 2. **Medical Equipment:** Portable monitoring devices. 3. **Consumer Electronics:** High-end appliances and IoT gateways. 4. **Motor Control:** Basic brushless DC motor control using its advanced timers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32F412 and the STM32F405?
    • ⤷ How do I configure the ART Accelerator for maximum performance?
    • ⤷ Which development boards are compatible with the STM32F412RGT6?