전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STM32F412RGT6P

  • AI
    ## Overview of STM32F412RGT6 The **STM32F412RGT6** is a high-performance microcontroller from STMicroelectronics, based on the **ARM® Cortex®-M4** 32-bit RISC core. It is part of the "Access Lines" within the STM32F4 series, designed to balance high performance, power efficiency, and integrated features. --- ### 1. Core Technical Specifications The device features a Floating Point Unit (FPU) and a full set of DSP instructions, making it ideal for signal processing and motor control. | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Maximum Frequency** | 100 MHz | | **Flash Memory** | 1 MB | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7V to 3.6V | | **Package** | LQFP-64 (10x10 mm) | | **I/O Pins** | 50 GPIOs | --- ### 2. Key Peripheral Modules The STM32F412RGT6 is packed with integrated peripherals to reduce external component count. #### A. Analog Interface * **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels. * **Internal Reference Voltage:** Built-in sensor for temperature and battery monitoring ($V_{BAT}$). #### B. Connectivity (Communication Ports) * **SPI/I2S:** Up to 5x SPI (up to 50 Mbit/s) and 5x I2S. * **I2C:** 4x I2C interfaces (SMBus/PMBus support). * **USART/UART:** 4x ports (up to 12.5 Mbit/s). * **USB:** USB 2.0 OTG Full-Speed (FS) with on-chip PHY. * **CAN:** 2x CAN interfaces (2.0B Active). * **SDIO:** Interface for SD cards and MMC. #### C. Specialized Features * **BAM (Batch Acquisition Mode):** Allows data exchange via peripherals while the CPU is in Power-down mode, significantly reducing power consumption. * **CRC Calculation Unit:** Used for data integrity checks. * **RTC:** Sub-second accuracy with hardware calendar. --- ### 3. Pinout and Hardware Considerations The "RGT6" suffix denotes specific physical and thermal characteristics: * **R:** 64 pins. * **G:** 1 MB Flash memory. * **T:** LQFP package. * **6:** Temperature range (-40°C to 85°C). #### Typical Decoupling Circuit (C code/Logic) When designing the PCB, it is critical to use decoupling capacitors on all $V_{DD}$ pins to ensure stability: ```c /* Standard Power Pin Configuration Hint */ // VDD: 100nF ceramic capacitor per pin + 4.7uF bulk capacitor // VDDA: 100nF + 1uF (Analog supply) // VCAP: 4.7uF (Internal regulator stabilization) ``` --- ### 4. Applications Due to its high memory-to-pin ratio and 100MHz speed, this chip is commonly found in: 1. **Industrial:** PLC, motor control, and sensor hubs. 2. **Medical:** Portable physiological monitoring devices. 3. **Consumer:** Advanced IoT nodes and GPS tracking units. 4. **Audio:** Digital signal processing and high-fidelity audio playback. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption benefits of the Batch Acquisition Mode (BAM)?
    • ⤷ How does the STM32F412 differ from the higher-end STM32F407?
    • ⤷ What are the requirements for the VCAP pin on this specific package?