전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STM32F412RGY6PTR

  • AI
    ## Overview of STM32F412RGY6PTR The **STM32F412RGY6PTR** is a high-performance microcontroller from STMicroelectronics’ STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core, operating at a frequency of up to 100 MHz. This specific part is known for its high integration and power efficiency, often used in medical, industrial, and consumer applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU (Floating Point Unit) | | **Max Frequency** | 100 MHz | | **Flash Memory** | 1 MB | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7V to 3.6V | | **Package Type** | WLCSP64 (Wafer Level Chip Scale Package) | | **I/O Pins** | 50 | | **Temperature Range** | -40°C to 85°C | --- ### 2. Core Electronic Components & Architecture The internal architecture consists of several specialized blocks that handle processing, memory management, and peripheral communication: #### A. Processing Unit * **DSP Instructions:** Supports Single Instruction Multiple Data (SIMD) and digital signal processing instructions. * **Memory Protection Unit (MPU):** Enhances application security by managing access rights to specific memory regions. * **ART Accelerator™:** A prefetch queue and branch cache that allows 0-wait state execution from Flash memory. #### B. Connectivity and Peripherals The "F412" series is rich in communication interfaces: * **Timers:** Includes 10x 16-bit timers and 2x 32-bit timers. * **Communication:** * 4x I2C interfaces (supporting SMBus/PMBus). * 4x USARTs / 2x UARTs. * 5x SPIs (up to 50 Mbit/s). * 2x CAN interfaces (2.0B Active). * **SDIO:** Secure Digital Input Output interface. * **USB:** USB 2.0 full-speed device/host/OTG controller. #### C. Analog Block * **ADC:** 1x 12-bit, 2.4 MSPS Analog-to-Digital Converter with up to 16 channels. * **Temperature Sensor:** Internal sensor for monitoring chip temperature. --- ### 3. Understanding the Part Number Code The part number **STM32F412RGY6PTR** can be decoded as follows: | Code Segment | Meaning | | :--- | :--- | | **STM32** | Family: 32-bit ARM Microcontroller | | **F412** | Sub-family: Access line, high performance | | **R** | Pin count: 64 pins | | **G** | Flash memory size: 1024 Kbytes | | **Y** | Package: WLCSP (Wafer Level Chip Scale Package) | | **6** | Temperature range: -40°C to 85°C | | **P** | Specific process/density information | | **TR** | Packing: Tape and Reel | --- ### 4. Power Management The chip features three power-saving modes to optimize battery life: 1. **Sleep Mode:** Only the CPU is stopped; peripherals continue to run. 2. **Stop Mode:** All clocks are stopped, but SRAM and register contents are retained. 3. **Standby Mode:** Deepest power-down; only the backup domain and standby circuitry are powered. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32F412 and the STM32F407?
    • ⤷ What is the physical footprint size of the WLCSP64 package?
    • ⤷ Can you provide a basic C code snippet to initialize a GPIO on this chip?