전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STV-6410-R01

  • AI
    The **STV-6410-R01** is a specialized electronic module, typically identified as a **high-voltage transformer (Flyback Transformer)** or a specific **Control Interface Board** used in older CRT monitors and industrial display systems. Given its nomenclature, it is most commonly associated with **Samsung** or **Sega** industrial display hardware. Below is a breakdown of its core electronic characteristics and components. --- ## 1. Core Component Specifications If the part is a **Flyback Transformer (FBT)**, its primary function is to generate the high voltage required to drive a Cathode Ray Tube (CRT). | Feature | Description | | :--- | :--- | | **Primary Voltage** | Typically 100V - 120V DC | | **Secondary Voltage (High)** | 20kV to 30kV (Anode Voltage) | | **Auxiliary Outputs** | Heater (6.3V), Screen (G2), and Focus voltages | | **Frequency Range** | 15kHz to 31kHz (Standard to Mid-res) | | **Internal Components** | Integrated high-voltage diodes and bleeder resistors | --- ## 2. Key Electronic Sections The STV-6410-R01 consists of several critical stages to manage power and signal integrity: ### A. The Magnetic Core * **Material:** Ferrite. * **Function:** Stores energy during the "on" cycle of the horizontal output transistor and releases it during the "flyback" period to create a high-voltage spike. ### B. Voltage Multiplier / Rectifier * Contains a series of internal high-voltage diodes. * Converts the AC pulses from the secondary windings into the steady DC high voltage needed for the CRT anode. ### C. Potentiometer Block * Most R01 revisions include two integrated adjustment knobs: 1. **Focus:** Adjusts the sharpness of the electron beam. 2. **Screen (G2):** Adjusts the master brightness/background bias. --- ## 3. Common Failure Modes Due to the high thermal stress and voltage levels, these parts often exhibit specific failure patterns: 1. **Dielectric Breakdown:** The internal insulation fails, leading to "arcing" (visible sparks or a snapping sound). 2. **Shorted Primary Winding:** Causes the monitor’s Power Supply Unit (PSU) to go into "chirping" mode or protection mode. 3. **Drifting Potentiometers:** Results in a blurry image (Focus drift) or a screen that is too bright with retrace lines (Screen drift). --- ## 4. Safety Warning > **DANGER:** The STV-6410-R01 handles voltages in excess of **25,000 Volts**. Even when the device is powered off, the CRT can hold a lethal charge. Always discharge the anode properly before attempting to service or replace this part.
    ✨ Follow-up Questions
    • ⤷ How do I test the primary winding of the STV-6410-R01 using a multimeter?
    • ⤷ What are the compatible replacement parts for the STV-6410-R01?
    • ⤷ What are the symptoms of a failing internal diode in this transformer?