전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • STV-USB/CIF-R01

  • AI
    ## Overview of STV-USB/CIF-R01 The **STV-USB/CIF-R01** is a specialized industrial communication cable designed to bridge the gap between a PC’s USB port and the RS-232C (or RS-422) interface of specific industrial controllers, most notably **Mitsubishi (MELSEC)** or **Sanyo Denki** servo amplifiers and PLCs. --- ### Core Electronic Components Inside the cable housing, several key electronic stages allow for the conversion of digital signals: | Component Type | Function | Description | | :--- | :--- | :--- | | **USB-to-Serial Controller IC** | Signal Translation | Typically uses a Prolific (PL2303) or FTDI chip to convert USB data packets into UART serial data. | | **Transceiver IC** | Level Shifting | Converts TTL/CMOS logic levels (0-5V) from the controller chip to the industrial RS-232/RS-422 voltage levels. | | **Optical Isolators** | Galvanic Isolation | (In high-quality versions) Protects the PC from high-voltage surges or ground loops common in industrial motor environments. | | **Passive Filters** | Noise Reduction | Capacitors and resistors used to minimize electromagnetic interference (EMI) in electrically noisy factory settings. | --- ### Physical Interface Specifications The cable features two distinct connectors, each with specific pinout assignments: 1. **PC Side (USB Type A):** * **Pins:** 4 (VCC, D-, D+, GND) * **Power:** Draws 5V directly from the USB bus; no external power supply is required. 2. **Device Side (Circular/Mini-DIN or DB9):** * **Standard:** Usually follows the RS-232C standard but is wired specifically for STV/CIF protocols. * **Baud Rate:** Supports high-speed communication typically ranging from 9600 bps to 115.2 kbps. --- ### Technical Specifications * **Cable Length:** Standardized at approximately 2 to 3 meters. * **LED Indicators:** Most models include "TX" (Transmit) and "RX" (Receive) LEDs to provide visual feedback on data transmission status. * **Operating Temperature:** Rated for industrial use, typically $0^{\circ}C$ to $55^{\circ}C$. * **Driver Compatibility:** Requires specific Virtual COM Port (VCP) drivers to be recognized by Windows/PLC software. --- ### Applications The STV-USB/CIF-R01 is primarily used for: * Uploading/Downloading parameters to **Sanyo Denki SANMOTION** servo drives. * Programming and monitoring **Mitsubishi FX-series** or similar PLCs. * Interfacing with HMI (Human Machine Interface) touch panels for firmware updates.
    ✨ Follow-up Questions
    • ⤷ Which specific driver is required for the STV-USB/CIF-R01 on Windows 10/11?
    • ⤷ Does this cable provide full galvanic isolation between the PLC and the PC?
    • ⤷ What are the common troubleshooting steps if the 'COMM' LED is not blinking?