전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SUGC10HH

  • AI
    The **SUGC10HH** is a specific part number typically associated with **Surface Mount (SMD) Ultra-Fast Recovery Rectifier Diodes**. These components are critical in power electronics for converting alternating current (AC) to direct current (DC) and protecting circuits from voltage spikes. --- ### 1. Key Technical Specifications The "SUGC" series generally belongs to the ultra-fast recovery family, designed for high-frequency rectification. | Parameter | Typical Value | Description | |:---|:---|:---| | **Type** | Ultra-Fast Recovery | High-speed switching capability | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 600V - 1000V | The maximum voltage the diode can withstand in reverse | | **Forward Current ($I_F$)** | 1.0A | Maximum average rectified forward current | | **Reverse Recovery Time ($t_{rr}$)** | < 50ns - 75ns | Time taken to stop conducting when switched from forward to reverse | | **Package Type** | SOD-123FL / SMA | Small footprint surface mount package | | **Operating Temperature** | -55°C to +150°C | Thermal range for stable operation | --- ### 2. Core Features * **Low Forward Voltage Drop:** Minimizes power loss during conduction, improving overall energy efficiency. * **High Surge Capacity:** Capable of handling brief spikes in current without failing. * **Ultra-Fast Switching:** The "HH" suffix often denotes a specific speed or high-temperature rating, making it ideal for high-frequency Inverters and SMPS (Switched-Mode Power Supplies). * **Glass Passivated Chip Junction:** Provides high reliability and stability against environmental factors. --- ### 3. Application Use Cases Because of its fast recovery time, the SUGC10HH is used in circuits where standard diodes would overheat or cause signal noise: 1. **SMPS (Switch Mode Power Supplies):** Used in the output rectification stage. 2. **Freewheeling Diodes:** Protects transistors (like MOSFETs) from inductive "kickback" in motor drivers. 3. **DC-DC Converters:** High-speed switching for voltage regulation. 4. **LED Lighting Drivers:** Ensuring stable DC current from an AC source. --- ### 4. Comparison: Standard vs. Ultra-Fast Diode ```mermaid graph LR A[Standard Diode] --> B[Slow Recovery: Causes Heat at High Frequencies] C[SUGC10HH Ultra-Fast] --> D[Quick Shut-off: High Efficiency/Low Heat] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact forward voltage drop (Vf) for the SUGC10HH at 1A?
    • ⤷ Can this diode be used as a direct replacement for the US1M series?
    • ⤷ What are the recommended PCB footprint dimensions for the SOD-123FL package?