전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SV-13-R

  • AI
    The **SV-13-R** typically refers to a specific model of **Solenoid Valve**, commonly used in hydraulic or pneumatic control systems. In electronic terms, it is an electromechanical device that converts electrical energy into mechanical motion to control the flow of fluids or gases. --- ## 1. Core Electronic Components The SV-13-R consists of several critical electronic and electromagnetic parts: | Component | Function | Description | | :--- | :--- | :--- | | **Solenoid Coil** | Electromagnetic Actuator | A copper wire winding that creates a magnetic field when energized. | | **Armature (Plunger)** | Moving Part | A ferromagnetic rod that moves in response to the magnetic field. | | **Lead Wires/Connector** | Interface | Provides the electrical connection point (often 12V or 24V DC). | | **Suppression Diode** | Protection | (Optional/Internal) Prevents "flyback" voltage spikes when power is cut. | --- ## 2. Technical Specifications (General) While specifications can vary slightly by manufacturer (such as HydraForce or similar brands), the electronic characteristics of the SV-13 series usually include: ### Electrical Parameters * **Voltage Options:** Most commonly **12V DC** or **24V DC**. * **Power Consumption:** Typically ranges between **18W to 22W**. * **Duty Cycle:** Usually rated for **Continuous Duty (100%)**, meaning it can stay energized indefinitely without overheating. * **Connection Type:** Often uses a **DIN 43650 connector**, Deutsch DT04, or simple lead wires. --- ## 3. Principle of Operation 1. **Input Signal:** A control system (PLC, relay, or switch) sends a DC current to the coil. 2. **Magnetic Induction:** The current flowing through the coil generates a magnetic field according to Ampere's Law. 3. **Mechanical Shift:** The magnetic force pulls the internal **armature (R-type often signifies a specific spool configuration, like "Normally Open" or "Normally Closed")**. 4. **State Change:** The movement of the armature opens or blocks the flow path within the valve body. --- ## 4. Troubleshooting Electronic Failures If the SV-13-R fails to actuate, the problem is usually found in these electronic areas: * **Coil Burnout:** Measured by checking resistance with a multimeter. An "Open" reading (infinite ohms) indicates a dead coil. * **Voltage Drop:** If the power supply provides less than 85% of the rated voltage, the magnetic field may be too weak to pull the plunger. * **Connector Corrosion:** Moisture in the DIN connector can cause short circuits or intermittent signals.
    ✨ Follow-up Questions
    • ⤷ What is the resistance range for a standard 12V SV-13 coil?
    • ⤷ How does the 'R' suffix change the internal spool configuration?
    • ⤷ What are the common environmental ratings (IP) for these solenoid valves?