전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SV-1B-R

  • AI
    The **SV-1B-R** is a specific model within the **SV Series of Solenoid Valves**, typically manufactured by companies like **CKD Corporation** or similar industrial automation providers. These are high-performance pneumatic valves used to control the flow of compressed air. --- ## 1. Core Electronic Components The "R" suffix often denotes specific wiring or electrical feedback configurations. Here are the primary electronic parts integrated into this unit: ### A. The Solenoid Coil (Actuator) The heart of the valve is the electromagnetic coil. When an electric current passes through it, it creates a magnetic field that moves a plunger to open or close the valve. * **Voltage Options:** Typically available in 24V DC, 100V AC, or 200V AC. * **Insulation Class:** Usually Class B or E to withstand heat generated during continuous operation. ### B. Integrated Surge Suppressor To protect the controlling PLC (Programmable Logic Controller) from back-EMF (voltage spikes) when the coil is de-energized, the SV-1B-R includes: * **Zener Diodes or Varistors:** These absorb excess energy to prevent electrical noise and damage to sensitive electronic circuits. ### C. LED Indicator Most "R" designated models feature a built-in status light. * **Function:** Provides immediate visual confirmation of the valve's state (ON/OFF). * **Electronic Part:** A small SMD LED and a current-limiting resistor integrated into the terminal box or connector. --- ## 2. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 24V DC (most common) / 100V-240V AC | | **Power Consumption** | Approx. 0.6W to 1.0W (DC) | | **Electrical Connection** | Plug-in Connector or Lead Wires | | **Response Time** | 10ms to 25ms | | **Circuit Protection** | Surge Suppressor included | | **Indicator** | Red/Green LED | --- ## 3. Wiring and Pin Configuration The SV-1B-R usually follows a standard industrial wiring convention to ensure compatibility with bus manifolds. ### Common Wiring Diagram (DC Type) ```text [Pin 1] ---- (+) Positive (Red/Brown) [Pin 2] ---- (-) Negative (Black/Blue) [Gnd ] ---- Earth/Shield (Green/Yellow) ``` --- ## 4. Operational Logic 1. **Input Signal:** The PLC sends a 24V DC signal to the valve. 2. **Electronic Activation:** The current flows through the **Surge Suppressor** and lights the **LED**. 3. **Electromagnetic Action:** The **Solenoid Coil** energizes, pulling the internal armature. 4. **Pneumatic Output:** The physical port opens, allowing air to flow to the cylinder or actuator.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the 24V DC version of the SV-1B-R?
    • ⤷ How does the surge suppressor in this valve protect a connected PLC?
    • ⤷ Is the SV-1B-R compatible with Fieldbus or IO-Link communication modules?