전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SV-4WD-R/CE

  • AI
    The **SV-4WD-R/CE** is a specialized 4-Wheel Drive (4WD) robotic platform designed for research, education, and light-duty industrial inspections. Its electronic architecture is built to handle high torque for off-road traversal while maintaining precise control. --- ### Core Electronic Components The system typically consists of several distinct layers of electronics, ranging from power management to high-level computation. | Component Category | Part Description | Function | | :--- | :--- | :--- | | **Drive Motors** | 4x DC Brushed/Brushless Motors | Provides propulsion to each individual wheel for 4WD capability. | | **Motor Controllers** | Dual-Channel H-Bridge Drivers | Regulates voltage and current to motors to control speed and direction. | | **Main Controller** | Arduino, ESP32, or Proprietary MCU | The "brain" that processes sensor inputs and executes movement logic. | | **Power Source** | LiPo or Li-ion Battery Pack (e.g., 11.1V - 14.8V) | High-discharge battery to sustain motor stall currents. | | **Power Management** | DC-DC Step-Down (Buck) Converters | Converts high battery voltage to 5V/3.3V for logic circuits. | | **Communication** | RF Receiver or Bluetooth/Wi-Fi Module | Allows remote control or telemetry data transmission. | --- ### Key Electronic Systems #### 1. The Drivetrain Control The "R/CE" designation often implies a **Robotic/Controlled Environment** configuration. The electronics utilize a **Differential Drive** scheme. While it has four wheels, it usually steers by varying the speed of the left vs. right side motors (skid-steer). #### 2. Feedback and Sensors To transition from a simple RC car to a robot, the SV-4WD series often includes: * **Quadrature Encoders:** Mounted on the motor shafts to measure RPM and distance traveled. * **IMU (Inertial Measurement Unit):** A 6-axis or 9-axis sensor (Gyroscope + Accelerometer) to maintain heading and detect tilts. * **Ultrasonic/TOF Sensors:** For obstacle avoidance. #### 3. Wiring and Connectivity The platform generally uses a standardized bus or header system to allow for expansion. * **PWM Channels:** Used for motor speed control. * **I2C/UART Ports:** Reserved for adding external modules like GPS, LIDAR, or a Raspberry Pi for computer vision. --- ### Example Motor Driver Logic (Pseudocode) If you are programming the controller, the electronic logic for a basic forward movement would look like this: ```cpp // Example pin definition for a standard motor driver const int LEFT_MOTOR_PWM = 5; const int RIGHT_MOTOR_PWM = 6; void moveForward(int speed) { analogWrite(LEFT_MOTOR_PWM, speed); // Send signal to Left side analogWrite(RIGHT_MOTOR_PWM, speed); // Send signal to Right side } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum payload capacity supported by the SV-4WD-R/CE electronics?
    • ⤷ Can the motor controllers be upgraded to support ROS (Robot Operating System)?
    • ⤷ What is the typical battery life for this platform under continuous load?