전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-10-R/Q

  • AI
    The **SVB-10-R/Q** is a specific electronic/pneumatic component primarily used in mechanical engineering and automation. It is a **Solenoid Valve Body/Base** typically associated with pressure control or liquid/gas regulation systems. Below is a breakdown of its technical specifications, electronic characteristics, and functional parts. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Solenoid Valve Body / Manifold Base | | **Material** | Usually High-grade Aluminum or Reinforced Polymer | | **Operating Voltage** | Typically 24V DC or 110V/220V AC (Coil dependent) | | **Response Time** | < 20ms | | **Connection Type** | "R" (Threaded) or "Q" (Quick-connect fittings) | | **Function** | Directional flow control (2/2 or 3/2 way) | --- ### Core Electronic & Mechanical Parts #### 1. Solenoid Coil (The Actuator) This is the "electronic" heart of the unit. When electrical current passes through the copper windings, it creates a magnetic field. * **Voltage Tolerance:** Usually +/- 10%. * **Power Consumption:** Rated in Watts (W) or Volt-Amps (VA). #### 2. Armature/Plunger Assembly A ferromagnetic pin located inside the coil. When the coil is energized, the magnetic force pulls the plunger up, overcoming the internal spring tension to open the valve orifice. #### 3. Lead Wires or DIN Connector * **R-type:** Often features flying leads (wires) for direct hard-wiring. * **Q-type:** Often utilizes a plug-in connector (like a DIN 43650) for rapid replacement and IP65/67 environmental protection. #### 4. The Valve Body (SVB-10) The "10" usually refers to the **orifice size** (1.0mm or 10mm depending on the manufacturer's series) or the port size. It manages the physical path of the fluid or air. --- ### Understanding the Suffixes (R/Q) The suffix determines how the electronic part interfaces with the physical system: 1. **"R" (Threaded/Rigid):** Uses standard tapered or parallel threads (like BSP or NPT) for high-pressure stability and permanent installations. 2. **"Q" (Quick-Connect):** Features push-to-connect fittings, allowing for faster maintenance and use with flexible tubing. --- ### Typical Applications * **Automated Assembly Lines:** Controlling pneumatic cylinders. * **Medical Equipment:** Precise gas flow for oxygen or anesthesia. * **Industrial Inkjet Printers:** Managing ink flow cycles.
    ✨ Follow-up Questions
    • ⤷ What is the standard power consumption for the SVB-10 series solenoid coil?
    • ⤷ Can the SVB-10-R be used with corrosive liquids or is it air-only?
    • ⤷ How do I troubleshoot a coil failure in this specific valve?