SVB-16A-R
AI

The **SVB-16A-R** is a specific electronic component typically categorized as a **Safety Relay** or a **Power Relay**, often associated with industrial automation and control systems (frequently manufactured by brands like IDEC or similar industrial specialists).
Below is a detailed breakdown of its technical characteristics and internal parts.
---
## 1. Technical Specifications
The "16A" in the model name usually denotes its maximum switching current capability.
| Parameter | Description |
| :--- | :--- |
| **Contact Form** | SPST (Single Pole Single Throw) or SPDT |
| **Rated Load** | 16 Amperes at 250V AC / 30V DC |
| **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) |
| **Mounting Type** | PCB Mount (Through-hole) or Socket Mount |
| **Contact Material** | Silver Alloy (AgNi or AgSnO2) for high durability |
---
## 2. Internal Electronic Components
The relay functions as an electromechanical switch. Its operation relies on the following internal parts:
### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into a magnetic field.
* **Composition:** Fine copper wire wound around a core. When current flows, it creates a magnetic pull to move the armature.
### B. The Armature & Spring Mechanism
* **Armature:** A moving metal piece attracted by the coil's magnetic field.
* **Return Spring:** Ensures that when power is removed, the contacts return to their "Normal" state (Open or Closed).
### C. Electrical Contacts
* **Stationary & Moving Contacts:** These are the points that actually carry the 16A load.
* **Coating:** Often plated with silver tin oxide to prevent "pitting" or welding caused by electrical arcing during high-current switching.
### D. The Yoke and Core
* **Material:** Soft iron.
* **Purpose:** To provide a low-reluctance path for the magnetic flux, maximizing the efficiency of the coil.
---
## 3. Connection Diagram (Standard Layout)
Most 16A relays of this footprint follow a standard pinout configuration:
```text
[Coil Pin 1] ---- ( ) ---- [Coil Pin 2]
|
[COM] -----------/ \----------- [NO] (Normally Open)
|
[NC] (Normally Closed - if SPDT)
```
---
## 4. Key Application Use Cases
* **HVAC Systems:** Controlling compressors or fan motors.
* **Industrial Machines:** Acting as an interface between low-power PLC outputs and high-power actuators.
* **Safety Circuits:** Used in emergency stop sequences due to its high reliability and insulation properties.
- ⤷
What is the exact coil voltage required for the SVB-16A-R variant you are using?
- ⤷ Does this relay require a flyback diode for circuit protection?
- ⤷ Are you looking for a replacement equivalent for this specific part number?