전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-16A-R/Q

  • AI
    The **SVB-16A-R/Q** is a high-performance, compact **Solid State Relay (SSR)** or a specialized **Power Switch Module**, often utilized in industrial automation for controlling high-current AC loads with low-voltage DC signals. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the SVB-16A-R/Q series: | Feature | Specification | Details | | :--- | :--- | :--- | | **Rated Current** | 16 Amperes | Continuous load current capacity | | **Control Voltage** | 3V - 32V DC | Input range to trigger the gate | | **Load Voltage** | 24V - 280V AC | Operating voltage for the output side | | **Switching Type** | Zero-Cross Switching | Reduces EMI and electrical noise | | **Isolation** | Opto-isolation | Physical separation between input and output | | **Response Time** | < 10ms | Fast switching speed compared to mechanical relays | --- ### ### Internal Electronic Components The device is composed of several critical semiconductor stages: 1. **Optical Coupler (Phototriac):** Provides galvanic isolation. When the input DC voltage is applied, an internal LED lights up, triggering a light-sensitive triac. This protects the control circuit (PLC/Arduino) from high-voltage spikes on the load side. 2. **Zero-Crossing Circuit:** A timing circuit that ensures the relay only turns ON when the AC sine wave is at the zero-volt point. This prevents large inrush currents and extends the life of the connected equipment. 3. **Power Thyristor/Triac:** The heavy-duty semiconductor that handles the actual 16A current. It acts as the "electronic gate" for the AC power. 4. **Snubber Network:** An internal RC (Resistor-Capacitor) circuit designed to suppress voltage transients ($dv/dt$) that could cause accidental triggering. --- ### ### Wiring Diagram Logic To implement this part in a circuit, follow this logic: ```mermaid graph LR A[DC Control Signal +] --> B[Input Terminal 1] C[DC Ground -] --> D[Input Terminal 2] E[AC Hot Line] --> F[Output Terminal 3] G[Output Terminal 4] --> H[Load / Motor] H --> I[AC Neutral] ``` ### ### Key Advantages * **No Moving Parts:** Unlike electromagnetic relays, it does not suffer from contact pitting or mechanical wear. * **Silent Operation:** Ideal for environments where clicking noises are undesirable. * **Vibration Resistance:** The solid-state design is immune to physical shocks that would cause traditional relays to bounce. ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the SVB-16A-R/Q at full load?
    • ⤷ How does 'Zero-Cross' switching differ from 'Instant-On' in this model?
    • ⤷ Can this module be used to control DC loads instead of AC?