전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-16DW-R

  • AI
    The **SVB-16DW-R** is a specific model of an **Explosion-Proof Rotary Switch Control Station**, typically manufactured by companies like *SMC* or other industrial automation firms (often categorized under the SVB series for valve manifold control or hazardous environment switching). Below is a breakdown of its technical specifications and electronic/mechanical components. --- ### 1. General Specifications The "16DW" designation generally refers to the number of stations or the specific wiring configuration, while the "R" often denotes a "Red" indicator or handle. | Feature | Specification | | :--- | :--- | | **Type** | Rotary Switch / Control Station | | **Housing Material** | Aluminum Alloy or Reinforced Polymer | | **Circuit Configuration** | Double Pole, Double Throw (DPDT) or specific manifold logic | | **Voltage Rating** | 250V AC / 30V DC (Typical) | | **Current Rating** | 5A to 10A (Depending on load type) | | **Protection Class** | IP65 / IP66 (Dust and Water resistant) | --- ### 2. Key Electronic & Mechanical Components #### A. Internal Contact Blocks The "heart" of the SVB-16DW-R is the internal contact block. These are usually **Silver Alloy contacts** designed to minimize electrical resistance and prevent oxidation over long periods of use. * **Action:** Maintained or Spring Return. * **Terminals:** Screw-type terminals for secure industrial wiring. #### B. Explosion-Proof Design (Ex) Because these parts are often used in hazardous environments (Oil & Gas, Chemical plants), the electronic housing is designed to: * **Contain arcs:** Any spark generated during the switching process is contained within the flame-proof enclosure. * **Surface Temperature:** Engineered to stay below the ignition point of ambient gases. #### C. Wiring Interface The "16DW" often implies a specific wiring density. * **Multi-pin connectors:** Some variants use a multi-pin D-sub or circular connector for rapid integration into a PLC (Programmable Logic Controller) system. * **Common Terminal:** Often shares a common ground or neutral to reduce the number of wires needed in a 16-point system. --- ### 3. Application Use-Case The SVB-16DW-R is primarily used as a manual override or selector switch for: 1. **Solenoid Valve Manifolds:** Controlling the flow of air or liquid in a 16-station block. 2. **Emergency Shutdowns:** Providing a physical interface to cut power or signal to specific industrial zones. 3. **Process Selection:** Toggling between different automated sequences. --- ### 4. Technical Summary Table | Component | Function | | :--- | :--- | | **Rotary Actuator** | The physical handle used by the operator to switch states. | | **Contact Block** | The electrical bridge that opens or closes the circuit. | | **Sealing Gasket** | Ensures the internal electronics are protected from moisture. | | **Indicator (R)** | Usually a red LED or mechanical flag indicating "Off" or "Active". |
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring pinout for the 16DW configuration?
    • ⤷ Is the SVB-16DW-R compatible with ATEX or IECEx safety standards?
    • ⤷ Can this switch be used to control high-voltage inductive motor loads?