전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-16DW-R/CE

  • AI
    The **SVB-16DW-R/CE** is a specialized electronic control component, typically identified as an **SMC (or similar manufacturer) Solenoid Valve Manifold/Interface block**. It is commonly used in industrial automation for controlling pneumatic systems through electronic signals. --- ### 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Model Series** | SVB (Solenoid Valve Block/Interface) | | **Input Type** | 16-point Digital (Discrete) | | **Wiring System** | D-Sub Connector (typically 25-pin) | | **Logic Type** | Negative Common (NPN) or Positive Common (PNP) depending on suffix | | **Voltage Rating** | 24V DC | | **Certifications** | CE Marked (Complies with EU safety/EMC standards) | --- ### 2. Electronic Component Breakdown The device functions as a bridge between a PLC (Programmable Logic Controller) and pneumatic valves. Key electronic aspects include: #### A. Internal Circuitry * **Protection Diodes:** Includes surge suppressors to prevent back-EMF (electromotive force) from damaging the PLC or control transistors when the inductive solenoid coils are de-energized. * **LED Indicators:** Most models feature individual status LEDs for each of the 16 channels to allow for rapid visual troubleshooting of the signal path. #### B. Connection Interface * **D-Sub Connector:** The "DW" in the part number often signifies a D-sub wiring interface. This reduces wiring time by allowing a single multi-core cable to control up to 16 individual valve stations rather than wiring each valve manually. * **Common Terminal:** The internal electronics utilize a shared "Common" line (typically the "R" designation relates to the wiring polarity/common configuration). #### C. Power Management * The unit is designed for **Low Power Consumption**. Modern SVB units are engineered to operate on 0.6W to 1.0W per station to reduce heat buildup and energy costs. --- ### 3. Application Use Case In a typical industrial setup: 1. **Electronic Signal:** A PLC sends a 24V DC signal through a D-sub cable. 2. **Manifold Interface:** The **SVB-16DW-R/CE** receives this signal and routes it to the specific solenoid coil. 3. **Pneumatic Action:** The solenoid converts the electrical energy into mechanical movement, shifting a valve spool to move an air cylinder. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the D-sub connector on this model?
    • ⤷ How do I troubleshoot an 'R' polarity mismatch in this valve block?
    • ⤷ What is the maximum current draw per station for the SVB-16DW?