전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-20-R/Q

  • AI
    The **SVB-20-R/Q** is a specific model within the **SVB Series of Safety Limit Switches**, typically manufactured by brands like **IDEC** or specialized industrial automation suppliers. These devices are designed to ensure the safety of machinery by monitoring the position of guards, gates, or moving parts. --- ### 1. Technical Specifications The "R/Q" suffix usually refers to specific connector or contact configurations. Below are the typical electronic and mechanical characteristics: | Component | Specification | | :--- | :--- | | **Contact Type** | Normally Closed (NC) and Normally Open (NO) | | **Switching Voltage** | 120V AC / 240V AC or 24V DC | | **Thermal Current (Ith)** | 10A | | **Insulation Resistance** | 100 MΩ minimum (at 500V DC) | | **Contact Resistance** | 25 mΩ maximum | | **Protection Rating** | IP67 (Dust-tight and water immersion) | | **Operation Speed** | 1mm/s to 0.5m/s | --- ### 2. Electronic Parts and Internal Mechanisms The SVB-20-R/Q consists of several critical electronic and mechanical components that work in tandem: #### A. Contact Blocks These are the core electrical elements. The "20" in the model number often signifies the contact arrangement (e.g., 2NC contacts). * **Direct Opening Action:** Also known as "Positive Opening." Even if the contacts weld together, the mechanical force of the actuator is strong enough to pull them apart to ensure the circuit breaks. * **Gold-Clad Contacts:** Many versions use gold cladding to ensure reliable switching at low current/voltage levels (logic levels). #### B. The Actuator (R/Q specifics) * **Roller Lever / Plunger:** The "R" usually indicates a **Roller** type actuator. This part physically interacts with the machine guard. * **Connector Type:** The "Q" often designates a **Quick Disconnect** or a specific M12/M18 connector interface rather than a standard conduit entry. #### C. Built-in Circuitry The device functions as a passive mechanical switch, meaning it does not usually contain complex integrated circuits (ICs). However, it includes: 1. **Terminal Screws/Pins:** For electrical integration into a Safety Relay or PLC. 2. **Galvanic Isolation:** High-quality housing materials ensure that the electrical path is isolated from the mechanical housing. --- ### 3. Application Circuitry In a safety environment, the SVB-20-R/Q is rarely used to power a motor directly. Instead, it is integrated into a **Safety Loop**: ```mermaid graph LR A[Power Supply] --> B[SVB-20-R/Q Switch] B --> C[Safety Monitoring Relay] C --> D[Motor Contactor] ``` ### 4. Key Features for Electronics Engineering * **Redundancy:** Used in dual-channel systems to achieve higher Safety Integrity Levels (SIL). * **B10d Value:** This is a statistical value used by electronic designers to calculate the mean time to dangerous failure. For this series, it is typically in the millions of cycles. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q suffixes in SVB series wiring?
    • ⤷ How do I wire the SVB-20-R/Q to a safety relay?
    • ⤷ What is the maximum switching frequency for this limit switch?