SVB-28W-R/Q
AI

The **SVB-28W-R/Q** is a high-performance, ultra-wideband power amplifier module, typically utilized in electronic warfare (EW), radar, and communication systems. It is based on **GaN (Gallium Nitride)** on SiC technology, which allows for high power density and efficiency across a broad frequency spectrum.
---
### 1. Technical Specifications
The following table highlights the primary electronic characteristics of the SVB-28W-R/Q:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 2.0 GHz to 18.0 GHz |
| **Output Power (Pout)** | ~28 Watts (approx. 44.5 dBm) |
| **Gain** | ~40 - 45 dB |
| **Technology** | GaN on SiC (Gallium Nitride) |
| **Operating Voltage** | +28V to +32V DC |
| **Quiescent Current** | ~500 mA to 1.5 A (depending on bias) |
| **Efficiency (PAE)** | 20% - 30% |
---
### 2. Key Electronic Components & Features
The module is comprised of several internal stages and protection circuits:
* **GaN Transistor Die:** The core of the device. GaN allows the part to handle high voltages and temperatures compared to traditional GaAs (Gallium Arsenide).
* **Internal Matching Networks:** Integrated circuitry that matches the input/output impedance to 50 ohms across the massive 2-18 GHz bandwidth.
* **Bias Sequencing Logic:** Often includes internal circuitry to ensure the negative gate voltage is applied before the positive drain voltage, preventing catastrophic failure of the GaN FET.
* **Thermal Management:** The module usually features a copper or heavy-metal baseplate to dissipate the significant heat generated by 28W of RF output.
---
### 3. Application Areas
Because of its wide frequency coverage and high power output, it is commonly found in:
1. **Electronic Countermeasures (ECM):** Jamming signals across multiple bands.
2. **Broadband Communication:** High-speed data links for military and aerospace.
3. **Test & Measurement:** Used as a laboratory driver amplifier for testing RF components.
---
### 4. Integration Requirements
To operate this part safely, the following electronic environment is required:
```markdown
- **Power Supply:** Low-noise DC regulated supply (28V).
- **Cooling:** Must be mounted to a heat sink with thermal interface material (TIM).
- **RF Connectors:** Typically SMA or 2.92mm (K-type) due to the 18GHz upper limit.
- **Sequencing:** Failure to follow the Power-On/Power-Off sequence (Gate then Drain) can destroy the internal FETs.
```
- ⤷
What is the specific pinout configuration for the DC bias?
- ⤷ Does this module require an external negative voltage source for the gate?
- ⤷ What are the recommended heat sink dimensions for continuous wave (CW) operation?