전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-2A-R/

  • AI
    The **SVB-2A-R** is an industrial-grade safety component, specifically a **Solenoid-type Safety Door Interlock Switch** manufactured by **IDEK (IDEC Corporation)**. These devices are used to prevent personnel from accessing dangerous machinery while it is in operation. --- ## 1. Core Technical Specifications The "electronic parts" of this switch consist of its internal solenoid, contact blocks, and safety circuits. | Feature | Specification Details | | :--- | :--- | | **Part Series** | HS5E Series (Sub-component of SVB system) | | **Rated Voltage** | 24V DC (Standard for solenoid operation) | | **Contact Configuration** | Typically 2NC (Safety) + 1NO (Monitoring) | | **Solenoid Power** | Approx. 4.0W to 5.0W during activation | | **Insulation Resistance** | 100 MΩ minimum | | **Operating Current** | 100mA to 200mA (Peak during solenoid firing) | --- ## 2. Key Electronic Components The SVB-2A-R operates through the synergy of three main electronic/electromechanical elements: ### A. The Solenoid Unit The "heart" of the device is an electromagnetic coil. When energized via 24V DC: * **Spring-Lock Type:** The solenoid pulls the locking pin to unlock the door (Power-to-Unlock). * **Solenoid-Lock Type:** The solenoid pushes the pin to lock the door (Power-to-Lock). ### B. Contact Blocks (Micro-switches) Inside the housing are gold-plated or silver contacts that send signals to the Safety Relay or PLC: * **Main Contacts (NC):** These are "force-guided" or "positive opening" contacts. If the door is open, the circuit is physically broken, ensuring the machine cannot start. * **Monitor Contacts (NO):** These provide feedback to a control panel to indicate whether the door is currently locked or unlocked. ### C. Internal Protection Circuitry The device includes internal diodes to protect against **Back-EMF (Electromotive Force)**. When the solenoid is turned off, the collapsing magnetic field can cause a voltage spike; the internal electronics suppress this to protect the connected PLC outputs. --- ## 3. Wiring Diagram Overview While specific terminal numbers may vary by sub-model, the general electronic layout is as follows: ```mermaid graph LR A[Pin 1: Solenoid +] --- B(Internal Coil) C[Pin 2: Solenoid -] --- B D[Pin 3/4: Safety NC] --- E(Machine Stop Circuit) F[Pin 5/6: Monitor NO] --- G(PLC Input/Status LED) ``` --- ## 4. Usage Requirements * **Safety Controller:** These switches should not be wired directly to a standard motor starter. They must be connected to a **Safety Relay** (e.g., IDEC FS1A) to meet ISO 13849-1 requirements. * **Environment:** The electronic housing is usually rated **IP67**, meaning it is dust-tight and can withstand temporary immersion in water, protecting the internal copper coils and contacts from oxidation.
    ✨ Follow-up Questions
    • What is the difference between the 'Spring Lock' and 'Solenoid Lock' versions of this switch?
    • How do I troubleshoot a solenoid that fails to release the key?
    • What are the specific safety ratings (SIL or PLe) for the HS5E/SVB series?