전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-4DW-R/E

  • AI
    The **SVB-4DW-R/E** is a specific electronic safety component, typically categorized as a **Safety Relay Unit** or **Safety Controller Expansion Module**. These devices are critical in industrial automation to monitor safety inputs (like emergency stops or light curtains) and ensure a fail-safe shutdown of machinery. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and functional characteristics of the SVB series: | Parameter | Description | | :--- | :--- | | **Model Type** | Safety Relay / Expansion Module | | **Input Voltage** | Typically 24V DC | | **Contact Configuration** | Usually 4NO (Normally Open) safety outputs | | **Response Time** | < 20ms (standard for safety circuits) | | **Safety Category** | Up to Category 4 / PLe (ISO 13849-1) | | **Housing Material** | Polyamide / Industrial Grade Plastic | | **Mounting** | 35mm DIN Rail | --- ### 2. Electronic Component Breakdown The internal architecture of the SVB-4DW-R/E consists of several critical electronic sub-systems: #### A. Redundant Relay Logic The unit contains **force-guided (mechanically linked) relays**. Unlike standard relays, if one contact welds shut, the mechanical link prevents the other contacts from closing, allowing the system to detect a fault and prevent a dangerous restart. #### B. Monitoring Circuitry * **Cross-fault Monitoring:** The internal electronics detect short circuits between input channels. * **Feedback Loop (EDM):** It monitors the state of external contactors to ensure they have actually opened or closed as commanded. #### C. Power Supply & Protection * **Varistors/TVS Diodes:** Built-in surge protection to prevent damage from voltage spikes in industrial environments. * **Optoisolators:** Used to separate the low-voltage logic side from the high-voltage output side for safety and noise immunity. --- ### 3. Wiring and Terminal Layout Standard safety relay wiring usually follows this logic: ```markdown Terminal Group | Function ---------------|---------------------------------- A1 / A2 | Power Supply (+24V / 0V) S11 / S12 | Channel 1 Input (e.g., E-Stop) S21 / S22 | Channel 2 Input (Redundancy) 13-14, 23-24 | Safety Output Contacts (N/O) X1 / X2 | Feedback Loop / Reset Input ``` --- ### 4. Application Use Cases 1. **Emergency Stop Monitoring:** Disconnects power to motors immediately when a button is pressed. 2. **Gate Monitoring:** Prevents a machine from starting if a safety door is open. 3. **Light Curtains:** Interfaces with optical sensors to stop motion if a person enters a hazardous area.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' suffixes in this model number?
    • ⤷ How do you wire the feedback loop (EDM) for this specific relay?
    • ⤷ What are the maximum current ratings for the safety output contacts?