전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-4FW-R

  • AI
    The **SVB-4FW-R** is a specific electronic component typically identified as a **high-voltage, fast-recovery silicon rectifier diode**. These components are essential in power management and signal rectification where high speed and durability under high voltage are required. --- ### 1. Key Technical Specifications The following table outlines the general electrical characteristics associated with this series of rectifiers: | Parameter | Typical Value | Description | |:---|:---|:---| | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 4000V (4kV) | The maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_{F(AV)}$)** | ~300mA - 500mA | The maximum current the diode can conduct continuously. | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns - 150ns | The time taken to stop conducting after switching from forward to reverse bias. | | **Forward Voltage Drop ($V_F$)** | ~4V - 6V | The voltage lost across the diode when conducting at rated current. | | **Operating Temperature** | -55°C to +150°C | The thermal range for safe operation. | --- ### 2. Physical Design and Construction * **Package Type:** Usually comes in a molded plastic axial lead package (DO-type) designed for through-hole mounting. * **Encapsulation:** The internal silicon junctions are often passivated or glass-sealed to prevent arcing and ensure stability at 4000V. * **Polarity:** Indicated by a cathode band (the negative side) marked on the body of the component. --- ### 3. Core Functions #### Fast Recovery Performance Unlike standard bridge rectifiers (like the 1N4007), the "FW" (Fast/Wide) or "R" (Recovery) designation implies it can switch states very quickly. This reduces power loss (switching losses) and prevents electromagnetic interference (EMI) in high-frequency circuits. #### High Voltage Insulation The "4" in the prefix often denotes the 4kV rating. This makes it suitable for "stacking" in voltage multiplier circuits where standard 1000V diodes would fail. --- ### 4. Common Applications 1. **Laser Power Supplies:** Used in the rectification stage for CO2 or YAG laser systems. 2. **X-Ray Equipment:** High-voltage DC generation for vacuum tubes. 3. **CRT Displays:** Used in older monitors and televisions for high-voltage flyback transformers. 4. **Air Purifiers:** Ionizers and electrostatic precipitators that require high-voltage DC fields to trap dust. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard rectifier and a fast-recovery diode like the SVB-4FW-R?
    • ⤷ Can this diode be used in high-frequency switching power supplies?
    • ⤷ What are the safety precautions when handling 4kV electronic components?