전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-5FW-R

  • AI
    The **SVB-5FW-R** is a specific model of a **Miniature PCB Power Relay** manufactured by **Sanyou Relay**. This component is designed for switching electrical circuits in household appliances and industrial control systems. --- ## 1. Technical Specifications The part number "SVB-5FW-R" contains a specific nomenclature that defines its electronic characteristics. | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Coil Voltage** | 5V DC | | **Max Switching Current** | 5 Amps | | **Max Switching Voltage** | 250V AC / 30V DC | | **Insulation Resistance** | 1,000 MΩ Min (at 500V DC) | | **Dielectric Strength** | 2,500V AC (between coil and contacts) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Component Structure The SVB-5FW-R consists of several internal electronic and mechanical parts working in unison: ### A. The Coil (Input Side) * **Material:** Fine copper wire wound around a core. * **Function:** When 5V DC is applied, it creates an electromagnetic field that pulls the internal armature. * **Power Consumption:** Typically low (approx. 200mW - 450mW depending on sensitivity), making it suitable for direct drive via transistors or microcontrollers. ### B. The Contacts (Output Side) * **Material:** Usually Silver Alloy (AgSnO2 or AgNi). * **Function:** These are the "switch" points. The "5FW" designation often indicates a specific contact material or sealing type optimized for high-inrush loads or environmental protection. ### C. The Housing * **Sealing:** The "-R" suffix often indicates **RoHS compliance** and the "W" usually signifies a **Wash-tight (Sealed)** structure. This protects the internal parts from flux during soldering and environmental contaminants like dust or moisture. --- ## 3. Pin Configuration (Typical) Most SVB series relays follow a standard 4-pin or 5-pin PCB layout: ```text [ Top View Diagram ] _________________ | (1) (2) | (1-2): Coil Pins (5V DC) | | | (3) (4) | (3-4): Load Pins (Switch) |_________________| ``` --- ## 4. Common Applications Due to its small footprint and 5A switching capability, the SVB-5FW-R is commonly found in: * **Smart Home Devices:** Smart plugs, light switches, and thermostats. * **Kitchen Appliances:** Microwave ovens, coffee makers, and dishwashers. * **HVAC Systems:** Fan control and valve actuation. * **Industrial:** PLC output modules and security systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1 Form A and 1 Form C versions of this relay?
    • ⤷ Can I drive the SVB-5FW-R directly from an Arduino GPIO pin?
    • ⤷ What are the equivalent alternative parts from manufacturers like Omron or Panasonic?