전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-5G-R/Q

  • AI
    The **SVB-5G-R/Q** refers to a high-frequency, surface-mount (SMD) electronic component typically used in telecommunications and RF (Radio Frequency) power amplification systems. It is primarily categorized as a **High-Power RF Termination** or **Resistor**, designed for 5G infrastructure. --- ### 1. General Specifications These components are designed to handle high-frequency signals while dissipating heat efficiently. | Feature | Specification Details | | :--- | :--- | | **Component Type** | RF Termination / Power Resistor | | **Frequency Range** | DC to 5.0 GHz (optimized for 5G bands) | | **Power Rating** | Typically 100W - 250W (depending on heat sinking) | | **Impedance** | 50 Ohms (standard for RF systems) | | **Package Type** | Surface Mount (SMD) / Flangeless | | **Substrate Material** | Usually Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | --- ### 2. Key Electronic Characteristics The SVB-5G-R/Q is engineered for specific performance metrics critical to high-speed data transmission: * **Low VSWR (Voltage Standing Wave Ratio):** It ensures minimal signal reflection back to the source, which is vital for protecting sensitive power amplifiers. * **High Power Density:** Despite its small footprint, it can handle significant wattage by transferring heat through its ceramic substrate to a baseplate. * **Thermal Stability:** It maintains its 50-ohm resistance across a wide temperature range, preventing "drift" during heavy 5G traffic loads. --- ### 3. Application in 5G Systems This part is commonly found in the following subsystems: 1. **Macro Cells & Small Cells:** Used in the transmitter chain to terminate unused ports of circulators or hybrid couplers. 2. **MIMO Antennas:** Integrated into Massive MIMO (Multiple Input Multiple Output) arrays to manage signal isolation. 3. **Test & Measurement:** Used as a dummy load for testing 5G base station outputs. --- ### 4. Installation & Handling Because this is a power component, specific PCB layout rules apply: ```markdown * Thermal Vias: Must be placed directly under the component to sink heat. * Solder Paste: Requires precise application to ensure 100% contact with the ground plane. * CTE Matching: The PCB material should have a Coefficient of Thermal Expansion compatible with the AlN/BeO substrate to prevent solder joint cracking. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the SVB-5G series?
    • ⤷ How does Aluminum Nitride compare to Beryllium Oxide in these RF parts?
    • ⤷ What are the specific mounting requirements for high-power SMD terminations?