전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-A1Z-R/E

  • AI
    The **SVB-A1Z-R/E** is a high-performance safety light curtain controller/sensor module, typically manufactured by companies like **SUNX (now Panasonic Industrial Devices)**. It is primarily used in industrial automation to provide human-body detection and machine safety guarding. --- ### 1. Technical Specifications The following table outlines the core electronic and mechanical parameters of the SVB-A1Z-R/E: | Parameter | Specification | | :--- | :--- | | **Device Type** | Safety Light Curtain Controller / Emitter-Receiver System | | **Supply Voltage** | 24V DC ±10% | | **Power Consumption** | Approx. 5W to 10W (depending on beam count) | | **Response Time** | < 20ms (Safety standard compliant) | | **Output Type** | PNP/NPN (Selectable) or Relay Safety Outputs | | **Operating Temperature** | -10°C to +55°C | | **Protection Rating** | IP65/IP67 (Dust and Water resistant) | --- ### 2. Key Electronic Components & Features #### A. Optical Emission & Detection The system uses **Infrared (IR) LED arrays**. The emitter sends pulsed light beams to the receiver. The electronic logic within the SVB-A1Z-R/E ensures that external light sources (like sunlight or welding sparks) do not cause false triggers through frequency modulation. #### B. Control Logic (Dual Microprocessors) To meet **Category 4 / PLe (Performance Level e)** safety standards, the internal circuitry utilizes redundant microprocessors. They constantly cross-check each other’s operations. If a component failure occurs, the system defaults to a "Safe State" (Off). #### C. Self-Diagnosis Circuitry The module includes built-in electronic self-testing. It checks for: * Short circuits in the output cables. * Internal relay welding (if using the relay version). * Synchronization errors between the emitter and receiver. #### D. Connection Interface The "R/E" designation usually refers to the **Receiver (R)** and **Emitter (E)** pair. These are typically connected via M12 industrial connectors to ensure low-resistance signal transmission and shielding against Electromagnetic Interference (EMI). --- ### 3. Wiring Configuration Typical Layout ```yaml Terminal / Wire Color | Function | Description ----------------------|-----------------------|------------------------- Brown | +24V DC | Main Power Supply Blue | 0V (GND) | Common Ground Black (OSSD 1) | Safety Output 1 | To Safety Relay/PLC White (OSSD 2) | Safety Output 2 | Redundant Safety Output Pink | Test / Restart | Manual Reset Input ``` --- ### 4. Safety Standards Compliance The SVB-A1Z-R/E is designed to comply with global safety regulations, making it suitable for hazardous machinery like hydraulic presses, robotic cells, and assembly lines: * **ISO 13849-1:** Performance Level e (PLe) * **IEC 61496-1/2:** Type 4 Safety Device * **CE Marking:** European Conformity
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the SVB-A1Z-R/E system?
    • ⤷ How do you perform a manual reset after the light curtain is tripped?
    • ⤷ Can this controller be integrated with a Safety PLC via IO-Link?